Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3393 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN3393
Description  This document is intended to provide information
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3393 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN3393 Datasheet HTML 24Page - STMicroelectronics AN3393 Datasheet HTML 25Page - STMicroelectronics AN3393 Datasheet HTML 26Page - STMicroelectronics AN3393 Datasheet HTML 27Page - STMicroelectronics AN3393 Datasheet HTML 28Page - STMicroelectronics AN3393 Datasheet HTML 29Page - STMicroelectronics AN3393 Datasheet HTML 30Page - STMicroelectronics AN3393 Datasheet HTML 31Page - STMicroelectronics AN3393 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 103 page
background image
Register description
AN3393
28/103
DocID018750 Rev 4
4.16
CTRL_REG3 (23h)
4.17
CTRL_REG5 (24h)
Table 28. Control register 3 description
Bit
b7
b6
b5
b4
b3
b2
b1
b0
Name
DR_EN
IEA
IEL
INT2_EN
INT1_EN
VFILT
Reserved
STRT
Default
00000000
Table 29. Control register 3 bit description
Bit name
Description
DR_EN
0 = Data-ready interrupt disabled.
1 = Data-ready interrupt enabled and routed to INT1.
IEA
0 = Interrupt signal active LOW.
1 = Interrupt signal active HIGH.
IEL
0 = Interrupt latched.
1 = Interrupt pulsed (refer to Section 2.1.2).
INT2_EN
0 = INT2 signal disabled (High-Z state).
1 = INT2 signal enabled (signal pin fully functional).
INT1_EN
0 = INT1 (DRDY) signal disabled (High-Z state).
1 = INT1 (DRDY) signal enabled (signal pin fully functional).
Note: DR_EN bit in CTRL_REG3 register should be taken into account too.
VFILT
0 = Vector filter disabled.
1 = Vector filter enabled.
STRT
Soft-Reset: it resets the whole internal logic circuitry when set to 1. It
automatically returns to 0.
Table 30. Control register 5 description
Bit
b7
b6
b5
b4
b3
b2
b1
b0
Name
BW2
BW1
FSCALE2
FSCALE1
FSCALE0
ST2
ST1
SIM
Default
00000000
Table 31. Control register 5 bit description
Bit name
Description
BW[2:1]
Anti-aliasing filter bandwidth.
Default value: 00 (00: 800 Hz; 01: 40 Hz; 10: 200 Hz; 11: 50 Hz)
FSCALE[2:0]
Full-scale selection. Default value: 000
(000: ±2g; 001: ±4g; 010: ±6g; 011: ±8g; 100: ±16g)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com