Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3393 Datasheet(PDF) 89 Page - STMicroelectronics

Part # AN3393
Description  This document is intended to provide information
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3393 Datasheet(HTML) 89 Page - STMicroelectronics

Back Button AN3393 Datasheet HTML 85Page - STMicroelectronics AN3393 Datasheet HTML 86Page - STMicroelectronics AN3393 Datasheet HTML 87Page - STMicroelectronics AN3393 Datasheet HTML 88Page - STMicroelectronics AN3393 Datasheet HTML 89Page - STMicroelectronics AN3393 Datasheet HTML 90Page - STMicroelectronics AN3393 Datasheet HTML 91Page - STMicroelectronics AN3393 Datasheet HTML 92Page - STMicroelectronics AN3393 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 103 page
background image
DocID018750 Rev 4
89/103
AN3393
First-in first-out (FIFO) buffer
103
Table 95 represents the FIFO full status when 32 samples are stored in the buffer while
Table 96 represents the next step when the 33rd sample is inserted into FIFO and the 1st
sample is overwritten. The new oldest sample set is made available in the output registers.
When FIFO is enabled and the mode is different from Bypass, the output registers (28h to
2Dh) always contain the oldest FIFO sample set.
10.2
FIFO registers
The FIFO buffer is managed by three different accelerometer registers, two of these allow
FIFO behavior to be enabled and configured, the third provides information about the buffer
status.
10.2.1
Control register 6 (25h)
The FIFO_EN bit in CTRL_REG6 must be set to 1 in order to enable the internal first-in,
first-out buffer; while this bit is set, the LIS3DSH output registers (28h to 2Dh) do not contain
the current acceleration value but they always contain the oldest value stored in FIFO.
The WTM_EN bit can be used to limit the maximum FIFO buffer depth to WTMP[4:0] + 1.
The ADD_INC bit (default “1”) enables the address auto-increment during a serial interface
multiple byte access.
Table 96. FIFO overrun representation (33rd sample set stored and 1st sample
discarded)
Output
registers
28h
29h
2Ah
2Bh
2Ch
2Dh
Xl(1)
Xh(1)
Yl(1)
Yh(1)
Zl(1)
Zh(1)
FIFO index
Sample set
FIFO(0)
Xl(1)
Xh(1)
Yl(1)
Yh(1)
Zl(1)
Zh(1)
FIFO(1)
Xl(2)
Xh(2)
Yl(2)
Yh(2)
Zl(2)
Zh(2)
FIFO(2)
Xl(3)
Xh(3)
Yl(3)
Yh(3)
Zl(3)
Zh(3)
FIFO(3)
Xl(4)
Xh(4)
Yl(4)
Yh(4)
Zl(4)
Zh(4)
...
...
...
...
...
...
...
...
...
...
...
...
...
...
FIFO(30)
Xl(31)
Xh(31)
Yl(31)
Yh(31)
Zl(31)
Zh(31)
FIFO(31)
Xl(32)
Xh(32)
Yl(32)
Yh(32)
Zl(32)
Zh(32)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com