Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3393 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN3393
Description  This document is intended to provide information
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3393 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN3393 Datasheet HTML 15Page - STMicroelectronics AN3393 Datasheet HTML 16Page - STMicroelectronics AN3393 Datasheet HTML 17Page - STMicroelectronics AN3393 Datasheet HTML 18Page - STMicroelectronics AN3393 Datasheet HTML 19Page - STMicroelectronics AN3393 Datasheet HTML 20Page - STMicroelectronics AN3393 Datasheet HTML 21Page - STMicroelectronics AN3393 Datasheet HTML 22Page - STMicroelectronics AN3393 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 103 page
background image
CTRL_REG4
20h
ODR3
ODR2
ODR1
ODR0
BDU
ZEN
YEN
XEN
CTRL_REG1
21h
HYST1_2
HYST1_1
HYST1_0
-
SM1_PIN
-
-
SM1_EN
CTRL_REG2
22h
HYST2_2
HYST2_1
HYST2_0
-
SM2_PIN
-
-
SM2_EN
CTRL_REG3
23h
DR_EN
IEA
IEL
INT2_EN
INT1_EN
VFILT
Reserved
STRT
CTRL_REG5
24h
BW2
BW1
FSCALE2
FSCALE1
FSCALE0
ST2
ST1
SIM
CTRL_REG6
25h
BOOT
FIFO_EN
WTM_EN
ADD_INC
P1_EMPTY
P1_WTM
P1_OVERRUN
P2_BOOT
STATUS
27h
ZYXOR
ZOR
YOR
XOR
ZYXDA
ZDA
YDA
XDA
OUT_X_L
28h
XD7
XD6
XD5
XD4
XD3
XD2
XD1
XD0
OUT_X_H
29h
XD15
XD14
XD13
XD12
XD11
XD10
XD9
XD8
OUT_Y_L
2Ah
YD7
YD6
YD5
YD4
YD3
YD2
YD1
YD0
OUT_Y_H
2Bh
YD15
YD14
YD13
YD12
YD11
YD10
YD9
YD8
OUT_Z_L
2Ch
ZD7
ZD6
ZD5
ZD4
ZD3
ZD2
ZD1
ZD0
OUT_Z_H
2Dh
ZD15
ZD14
ZD13
ZD12
ZD11
ZD10
ZD9
ZD8
FIFO_CTRL
2Eh
FMODE2
FMODE1
FMODE0
WTMP4
WTMP3
WTMP2
WTMP1
WTMP0
FIFO_SRC
2Fh
WTM
OVRN_FIFO
EMPTY
FSS4
FSS3
FSS2
FSS1
FSS0
ST1_X
40h - 4Fh
ST1_7
ST1_6
ST1_5
ST1_4
ST1_3
ST1_2
ST1_1
ST1_0
TIM4_1
50h
TM_7
TM_6
TM_5
TM_4
TM_3
TM_2
TM_1
TM_0
TIM3_1
51h
TM_7
TM_6
TM_5
TM_4
TM_3
TM_2
TM_1
TM_0
TIM2_1_L
52h
TM_7
TM_6
TM_5
TM_4
TM_3
TM_2
TM_1
TM_0
TIM2_1_H
53h
TM_15
TM_14
TM_13
TM_12
TM_11
TM_10
TM_9
TM_8
TIM1_1_L
54h
TM_7
TM_6
TM_5
TM_4
TM_3
TM_2
TM_1
TM_0
TIM1_1_H
55h
TM_15
TM_14
TM_13
TM_12
TM_11
TM_10
TM_9
TM_8
THRS2_1
56h
THS7
THS6
THS5
THS4
THS3
THS2
THS1
THS0
THRS1_1
57h
THS7
THS6
THS5
THS4
THS3
THS2
THS1
THS0
Table 6. Register table (continued)
Register
name
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com