Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3393 Datasheet(PDF) 86 Page - STMicroelectronics

Part # AN3393
Description  This document is intended to provide information
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3393 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button AN3393 Datasheet HTML 82Page - STMicroelectronics AN3393 Datasheet HTML 83Page - STMicroelectronics AN3393 Datasheet HTML 84Page - STMicroelectronics AN3393 Datasheet HTML 85Page - STMicroelectronics AN3393 Datasheet HTML 86Page - STMicroelectronics AN3393 Datasheet HTML 87Page - STMicroelectronics AN3393 Datasheet HTML 88Page - STMicroelectronics AN3393 Datasheet HTML 89Page - STMicroelectronics AN3393 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 103 page
background image
Examples of state machine configurations
AN3393
86/103
DocID018750 Rev 4
Table 93. OUTS1 (5Fh) register content in 6D position recognition
Case
P_X
N_X
P_Y
N_Y
P_Z
N_Z
P_V
N_V
(a)
0
0
0
1
0
0
0
0
(b)
1
0
0
0
0
0
0
0
(c)
0
1
0
0
0
0
0
0
(d)
0
0
1
0
0
0
0
0
(e)
0
0
0
0
1
0
0
0
(f)
0
0
0
0
0
1
0
0
Table 94. Register configuration for 6D position recognition
Register
Address
Value
Comments
CTRL_REG3
23h
48h
-INT1 enabled
-Interrupt active HIGH
-Interrupt latched (for pulsed, set value to 68h)
CTRL_REG4
20h
97h
ODR = 1600 Hz
TIM2_1L
52h
00h
Timer 2 = 1280 ms
TIM2_1H
53h
08h
Timer 2 = 1280 ms
TIM1_1L
54h
80h
Timer 1 = 80 ms
TIM1_1H
55h
00h
Timer 1 = 80 ms
THRS2_1
56h
30h
Threshold 2 = 750 mg
THRS1_1
57h
32h
Threshold 1 = 781 mg
MASK1_B
59h
FCh
Enable positive and negative X, Y, Z masks
MASK1_A
5Ah
FCh
Enable positive and negative X, Y, Z masks
SETT1
5Bh
23h
-Signed threshold
-Standard mask always evaluated
ST1_1
40h
09h
Reset: NOP / Next: GTTH1
ST1_2
41h
88h
OUTC
ST1_3
42h
33h
SRP
ST1_4
43h
0Ah
Reset: NOP / Next: LLTH2
ST1_5
44h
29h
Reset: TI2 / Next: GTTH1
ST1_6
45h
A1h
Reset: LLTH2 / Next: TI1
ST1_7
46h
25h
Reset: TI2 / Next: GTTH1
ST1_8
47h
11h
CONT
CTRL_REG1
21h
01h
State Machine 1 enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com