Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3393 Datasheet(PDF) 59 Page - STMicroelectronics

Part # AN3393
Description  This document is intended to provide information
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3393 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button AN3393 Datasheet HTML 55Page - STMicroelectronics AN3393 Datasheet HTML 56Page - STMicroelectronics AN3393 Datasheet HTML 57Page - STMicroelectronics AN3393 Datasheet HTML 58Page - STMicroelectronics AN3393 Datasheet HTML 59Page - STMicroelectronics AN3393 Datasheet HTML 60Page - STMicroelectronics AN3393 Datasheet HTML 61Page - STMicroelectronics AN3393 Datasheet HTML 62Page - STMicroelectronics AN3393 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 103 page
background image
DocID018750 Rev 4
59/103
AN3393
Operation codes
103
The two conditions are evaluated as two NEXT conditions in state.
Conditions inside JMP command:
–
are using only the selected MASKy_A / MASKy_B axis mask;
–
do not affect temporary axis mask pointer;
–
have no peak detection.
The two conditions can be any condition described in this document.
The first step and second step are executed immediately.
Rules for condition validation:
–
COND1 is validated first with new data sample set;
–
If COND1 is not valid, COND2 is validated next;
–
If COND2 is not valid, wait for a new sample set and restart conditions validation;
–
If COND1 is valid, jump to ADD1;
–
If COND2 is valid, jump to ADD2.
This command affects or is affected by the following registers:
–
THRS1_y, THRS2_y: Thresholds limit value;
–
TIM1_y, TIM2_y, TIM3_y, TIM4_y: Timers initial value;
–
MASKy_A and MASKy_B: Axis mask filter values;
–
SETTy, bit ABS: Unsigned/signed settings;
–
SETTy, bit T_SIGN: Temporary output mask filter settings;
–
PRy: Program and Reset pointer addresses.
6.2.4
SRP (33h)
The SRP command sets the Reset Point to the next address/state.
This command has no parameters and it is an “Immediately executed” type.
Actions:
SRP command sets the Reset Point (RPy) to the next step address: RPy = PPy + 1.
This command affects or is affected by the following registers:
–
PRy: Program and Reset pointer addresses.
6.2.5
CRP (44h)
The CRP command clears Reset Point to the start position (at the beginning of the program
code). This command has no parameters and it is an “Immediately executed” type.
Actions:
CRP command sets Reset Point (RPy) to the beginning of program code: RPy = 0.
This command affects or is affected by the following registers:
–
PRy: Program and Reset pointer addresses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com