Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3393 Datasheet(PDF) 56 Page - STMicroelectronics

Part # AN3393
Description  This document is intended to provide information
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3393 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button AN3393 Datasheet HTML 52Page - STMicroelectronics AN3393 Datasheet HTML 53Page - STMicroelectronics AN3393 Datasheet HTML 54Page - STMicroelectronics AN3393 Datasheet HTML 55Page - STMicroelectronics AN3393 Datasheet HTML 56Page - STMicroelectronics AN3393 Datasheet HTML 57Page - STMicroelectronics AN3393 Datasheet HTML 58Page - STMicroelectronics AN3393 Datasheet HTML 59Page - STMicroelectronics AN3393 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 103 page
background image
Operation codes
AN3393
56/103
DocID018750 Rev 4
Table 84. Commands (main set)
OPCODE
Mnemonic
Description
Note
00h
STOP
Stops execution, and resets RESET-
POINT to start
All other registers and internal
memories are left intact
11h
CONT
Continues execution from RESET-
POINT
22h
JMP
Conditional jump. It includes:
- two conditions (1st parameter)
- two addresses for valid conditions (2nd
parameter)
33h
SRP
Sets RESET-POINT to next step
address
44h
CRP
Sets RESET-POINT to address 0 (start
position)
55h
SETP
Sets parameter in register memory. It
includes:
- register address (1st parameter)
- new parameter to be set (2nd
parameter)
Address parameter is direct
absolute pointer to register
memory
66h
SETS1
Sets new value (1st parameter) to
SETTy register
77h
STHR1
Sets new value (1st parameter) to
THRS1y register
88h
OUTC
Sets outputs to output registers
99h
OUTW
Sets outputs to output registers and
waits for host actions for output latch
release
Host-driven event
AAh
STHR2
Sets new value (1st parameter) to
THRS2y register
BBh
DEC
Decreases long counter (LC) value and
validate counter
CCh
SISW
Swaps temporary axis mask sign to
opposite sign
DDh
REL
Releases temporary axis mask
information
EEh
STHR3
Sets new value (1st parameter) to
THRS3y register
FFh
SSYNC
Toggles execution from one state
machine to the other one
Affects both state machines.
Immediate execution and wait
(sync)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com