Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3393 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN3393
Description  This document is intended to provide information
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3393 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN3393 Datasheet HTML 18Page - STMicroelectronics AN3393 Datasheet HTML 19Page - STMicroelectronics AN3393 Datasheet HTML 20Page - STMicroelectronics AN3393 Datasheet HTML 21Page - STMicroelectronics AN3393 Datasheet HTML 22Page - STMicroelectronics AN3393 Datasheet HTML 23Page - STMicroelectronics AN3393 Datasheet HTML 24Page - STMicroelectronics AN3393 Datasheet HTML 25Page - STMicroelectronics AN3393 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 103 page
background image
Register description
AN3393
22/103
DocID018750 Rev 4
4.6
OFF_X (10h), OFF_Y (11h), OFF_Z (12h)
Offset compensation register for single axis. Default value is 00h. The value is expressed in
two’s complement.
Final acceleration output value is composed as:
Output(axis) = Measurement(axis) - OFFSET_x(axis) * 32
Where:
–
x = X, Y, Z-axis
–
Measurement(axis) = 16-bit raw data for X, Y, Z
–
OFFSET_x(axis) = Compensation value from OFF_X, OFF_Y, OFF_Z registers
–
OUTPUT(axis) = Acceleration value with offset compensation for output registers
and state machine.
According to the previous formula, the offset on each axis can be compensated from -4095
to 4096 LSB, with steps of 32 LSB.
4.7
CS_X (13h), CS_Y (14h), CS_Z (15h)
Constant shift value register for single axis. This value acts as a temporary offset in DIFF-
Mode for State Machine 2 only (refer to Section 5.4.2). The default value is 00h. The value is
expressed in two’s complement.
4.8
LC_L (16h), LC_H (17h)
16-bit long-counter registers common for both state machines.
Table 11. Offset axis
Bit
b7
b6
b5
b4
b3
b2
b1
b0
Name
OFFx_7
OFFx_6
OFFx_5
OFFx_4
OFFx_3
OFFx_2
OFFx_1
OFFx_0
Default
00000000
Table 12. Constant shift for single axis
Bit
b7
b6
b5
b4
b3
b2
b1
b0
Name
CS_7
CS_6
CS_5
CS_4
CS_3
CS_2
CS_1
CS_0
Default
00000000
Table 13. Status of long counter LSB (16h)
Bit
b7
b6
b5
b4
b3
b2
b1
b0
Name
LC_L_7
LC_L_6
LC_L_5
LC_L_4
LC_L_3
LC_L_2
LC_L_1
LC_L_0
Default
00000001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com