Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3393 Datasheet(PDF) 40 Page - STMicroelectronics

Part # AN3393
Description  This document is intended to provide information
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3393 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button AN3393 Datasheet HTML 36Page - STMicroelectronics AN3393 Datasheet HTML 37Page - STMicroelectronics AN3393 Datasheet HTML 38Page - STMicroelectronics AN3393 Datasheet HTML 39Page - STMicroelectronics AN3393 Datasheet HTML 40Page - STMicroelectronics AN3393 Datasheet HTML 41Page - STMicroelectronics AN3393 Datasheet HTML 42Page - STMicroelectronics AN3393 Datasheet HTML 43Page - STMicroelectronics AN3393 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 103 page
background image
Register description
AN3393
40/103
DocID018750 Rev 4
4.49
PR2 (7Ch)
Program and reset pointers for State Machine 2.
4.50
TC2 (7Dh-7Eh)
16-bit general Timer Counter for State Machine 2.
Registers are read-only.
The TC2 counter can be used in State Machine 2 through the conditions defined in
Section 6.1. Registers TIM1_2 (74h-75h), TIM2_2 (72h-73h), TIM3_2 (71h), and TIM4_2
(70h) define the initial value of the Timer Counter 2.
4.51
OUTS2 (7Fh)
Output flags on axis for State Machine 1 management.
A read of this register affects interrupt release function.
After reading OUTS2, the value is set to default (00h).
Table 77. PR2 register
RP3
RP2
RP1
RP0
PP3
PP2
PP1
PP0
Table 78. PR2 register description
RP3-RP0
SM2 reset pointer address
PP3-PP0
SM2 program pointer address
Table 79. TC2_L default values
00000000
Table 80. TC2_H default values
00000000
Table 81. OUTS2 register
P_X
N_X
P_Y
N_Y
P_Z
N_Z
P_V
N_V
Table 82. OUTS2 register description
P_X
0 = X+ not shown, 1 = X+ shown
N_X
0 = X- not shown, 1 = X- shown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com