Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3393 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN3393
Description  This document is intended to provide information
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3393 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN3393 Datasheet HTML 14Page - STMicroelectronics AN3393 Datasheet HTML 15Page - STMicroelectronics AN3393 Datasheet HTML 16Page - STMicroelectronics AN3393 Datasheet HTML 17Page - STMicroelectronics AN3393 Datasheet HTML 18Page - STMicroelectronics AN3393 Datasheet HTML 19Page - STMicroelectronics AN3393 Datasheet HTML 20Page - STMicroelectronics AN3393 Datasheet HTML 21Page - STMicroelectronics AN3393 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 103 page
background image
4
Register description
4.1
Register table
Table 6. Register table
Register
name
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
OUT_T
0Ch
Temp7
Temp6
Temp5
Temp4
Temp3
Temp2
Temp1
Temp0
INFO1
0Dh
0
0
1
0
0
0
0
1
INFO2
0Eh
0
0
0
0
0
0
0
0
WHO_AM_I
0Fh
0
0
1
1
1
1
1
1
OFF_X
10h
OFFx_7
OFFx_6
OFFx_5
OFFx_4
OFFx_3
OFFx_2
OFFx_1
OFFx_0
OFF_Y
11h
OFFy_7
OFFy_6
OFFy_5
OFFy_4
OFFy_3
OFFy_2
OFFy_1
OFFy_0
OFF_Z
12h
OFFz_7
OFFz_6
OFFz_5
OFFz_4
OFFz_3
OFFz_2
OFFz_1
OFFz_0
CS_X
13h
CS_7
CS_6
CS_5
CS_4
CS_3
CS_2
CS_1
CS_0
CS_Y
14h
CS_7
CS_6
CS_5
CS_4
CS_3
CS_2
CS_1
CS_0
CS_Z
15h
CS_7
CS_6
CS_5
CS_4
CS_3
CS_2
CS_1
CS_0
LC_L
16h
LC_L_7
LC_L_6
LC_L_5
LC_L_4
LC_L_3
LC_L_2
LC_L_1
LC_L_0
LC_H
17h
LC_H_7
LC_H_6
LC_H_5
LC_H_4
LC_H_3
LC_H_2
LC_H_1
LC_H_0
STAT
18h
LONG
SYNCW
SYNC1
SYNC2
INT_SM1
INT_SM2
DOR
DRDY
PEAK1
19h
PKx_7
PKx_6
PKx_5
PKx_4
PKx_3
PKx_2
PKx_1
PKx_0
PEAK2
1Ah
PKx_7
PKx_6
PKx_5
PKx_4
PKx_3
PKx_2
PKx_1
PKx_0
VFC_1
1Bh
VFC1_7
VFC1_6
VFC1_5
VFC1_4
VFC1_3
VFC1_2
VFC1_1
VFC1_0
VFC_2
1Ch
VFC2_7
VFC2_6
VFC2_5
VFC2_4
VFC2_3
VFC2_2
VFC2_1
VFC2_0
VFC_3
1Dh
VFC3_7
VFC3_6
VFC3_5
VFC3_4
VFC3_3
VFC3_2
VFC3_1
VFC3_0
VFC_4
1Eh
VFC4_7
VFC4_6
VFC4_5
VFC4_4
VFC4_3
VFC4_2
VFC4_1
VFC4_0
THRS3
1Fh
THRS3_7
THRS3_6
THRS3_5
THRS3_4
THRS3_3
THRS3_2
THRS3_1
THRS3_0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com