Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3393 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3393
Description  This document is intended to provide information
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3393 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3393 Datasheet HTML 10Page - STMicroelectronics AN3393 Datasheet HTML 11Page - STMicroelectronics AN3393 Datasheet HTML 12Page - STMicroelectronics AN3393 Datasheet HTML 13Page - STMicroelectronics AN3393 Datasheet HTML 14Page - STMicroelectronics AN3393 Datasheet HTML 15Page - STMicroelectronics AN3393 Datasheet HTML 16Page - STMicroelectronics AN3393 Datasheet HTML 17Page - STMicroelectronics AN3393 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 103 page
background image
Startup sequence
AN3393
14/103
DocID018750 Rev 4
setting the DR_EN bit of CTRL_REG3. Signal polarity is set through the IEA bit and signal
shape through the IEL bit of CTRL_REG3.
Figure 1 shows the behavior of the data-ready when the IEA bit is set to 1 in combination
with the setting of the IEL bit. The signal rises to 1 when a new set of acceleration data has
been generated and is available to be read.
Figure 1. Data-ready signal (IEA = 1)
2.1.3
Using the block data update (BDU) feature
If the reading of the acceleration data is particularly slow and cannot be synchronized (or it
is not required) with either the XYZDA bit in the STATUS register or with the DRDY signal, it
is strongly recommended to set the BDU (block data update) bit to 1 in the CTRL_REG4
register.
This feature avoids the reading of values (most significant and least significant parts of the
acceleration data) related to different samples. In particular, when the BDU is activated, the
data registers related to each channel always contain the most recent acceleration data
produced by the device, but, if the reading of a given pair (i.e. OUT_X_H and OUT_X_L,
OUT_Y_H and OUT_Y_L, OUT_Z_H and OUT_Z_L) is initiated, the refresh for that pair is
blocked until both MSB and LSB parts of the data are read.
Note:
BDU only guarantees that OUT_X(Y, Z)_L and OUT_X(Y,Z)_H have been sampled at the
same time. For example, if the reading speed is too slow, it may read X and Y sampled at T1
and Z sampled at T2.
2.2
Understanding acceleration data
The measured acceleration data are sent to the OUT_X_H, OUT_X_L, OUT_Y_H,
OUT_Y_L, OUT_Z_H, and OUT_Z_L registers. These registers contain, respectively, the
most significant part and the least significant part of the acceleration signals acting on the X,
Y, and Z axes.
The complete acceleration data for the X (Y, Z) channel is given by the concatenation
OUT_X_H & OUT_X_L (OUT_Y_H & OUT_Y_L, OUT_Z_H & OUT_Z_L) and it is
expressed in two’s complement number.
IEL = 1
IEL = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com