Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3393 Datasheet(PDF) 98 Page - STMicroelectronics

Part # AN3393
Description  This document is intended to provide information
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3393 Datasheet(HTML) 98 Page - STMicroelectronics

Back Button AN3393 Datasheet HTML 94Page - STMicroelectronics AN3393 Datasheet HTML 95Page - STMicroelectronics AN3393 Datasheet HTML 96Page - STMicroelectronics AN3393 Datasheet HTML 97Page - STMicroelectronics AN3393 Datasheet HTML 98Page - STMicroelectronics AN3393 Datasheet HTML 99Page - STMicroelectronics AN3393 Datasheet HTML 100Page - STMicroelectronics AN3393 Datasheet HTML 101Page - STMicroelectronics AN3393 Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 103 page
background image
First-in first-out (FIFO) buffer
AN3393
98/103
DocID018750 Rev 4
to-Stream is in Stream mode and the interrupt condition disappears, the FIFO buffer returns
to Bypass mode because the INT_SM2 bit becomes zero.
It is recommended to latch the interrupt signal used as the stream trigger in order to avoid
losing interrupt events. If the selected interrupt is latched, it is needed to read the register
OUTS2 to clear the INT_SM2 bit; after reading, the INT_SM2 bit takes 2*ODR to go low.
In Stream mode the FIFO buffer continues filling. When the buffer is full, the OVRN bit is set
high and the next samples overwrite the oldest.
Figure 35. Bypass-to-Stream mode
Bypass-to-Stream can be used in order to start the acquisition when the configured interrupt
is generated.
10.3.6
Bypass-to-FIFO mode
This mode is a combination of the Bypass and FIFO modes previously described. In
Bypass-to-FIFO mode, the FIFO buffer starts operating in Bypass mode and switches to
FIFO mode when INT2 occurs.
Follow these steps for Bypass-to-FIFO mode configuration:
1.
Configure State Machine 2 in order to generate interrupt on INT2.
2.
Turn on FIFO by setting the FIFO_EN bit to “1” in control register 6 (25h). After this
operation the FIFO buffer is enabled but isn’t collecting data, output registers are
frozen to the last samples set loaded.
3.
Activate Bypass-to-FIFO mode by setting the FMODE[2:0] field to “111” in the FIFO
control register (2Eh).
The interrupt trigger is related to the INT_SM2 bit in the STAT (18h) register and it is
generated even if the interrupt signal is not driven to an interrupt pad. Bypass-to-FIFO mode
is sensitive to the trigger level and not to the trigger edge, this means that if Bypass-to-FIFO
is in FIFO mode and the interrupt condition disappears, the FIFO buffer returns to Bypass
mode because the INT_SM2 bit becomes zero.
It is recommended to latch the interrupt signal used as the stream trigger in order to avoid
losing interrupt events. If INT2 is latched, it is necessary to read the register OUTS2 to clear
the INT_SM2 bit; after reading, the INT_SM2 bit takes 2*ODR to go low.
In FIFO mode the FIFO buffer collects data until it is full and then stops acquisition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com