Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3393 Datasheet(PDF) 67 Page - STMicroelectronics

Part # AN3393
Description  This document is intended to provide information
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3393 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button AN3393 Datasheet HTML 63Page - STMicroelectronics AN3393 Datasheet HTML 64Page - STMicroelectronics AN3393 Datasheet HTML 65Page - STMicroelectronics AN3393 Datasheet HTML 66Page - STMicroelectronics AN3393 Datasheet HTML 67Page - STMicroelectronics AN3393 Datasheet HTML 68Page - STMicroelectronics AN3393 Datasheet HTML 69Page - STMicroelectronics AN3393 Datasheet HTML 70Page - STMicroelectronics AN3393 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 103 page
background image
DocID018750 Rev 4
67/103
AN3393
Operation codes
103
6.2.21
SRADI1 (23h)
The SRADI1 command enables the difference mode on input data for State Machine 2. The
SRADI1 command is effective only for State Machine 2.
This command has no parameters and it is an “Immediately executed” type.
Actions:
1.
The SRADI0 command sets to 1 the bit RADI, in register SETT2:
–
DIFF mode is selected for State Machine 2;
–
The new value of the SETT2 register is valid starting from the next step;
–
Program pointer 2 is increased by 1 unit: PP2 = PP2 +1.
This command affects or is affected by the following registers:
–
PR2: Program and Reset pointer addresses for State Machine 2;
–
SETT2, bit RADI: RAW data / DIFF data input type selector for State Machine 2.
6.2.22
SELSA (24h)
The SELSA command sets the axis mask pointer to MASKy_B.
This command has no parameters and it is an “Immediately executed” type.
Actions:
1.
MASKy_B is selected.
2.
Reset peak detection to initial phase.
This command affects or is affected by the following registers:
–
PRy: Program and Reset pointer addresses;
–
MASKy_A and MASKy_B: Axis mask filter values.
6.2.23
SCS0 (31h)
The SCS0 command sets the DIFF2 difference mode for State Machine 2. After this
command, input data is the difference between current data and the previous data.
The SCS0 command is effective only for State Machine 2.
This command has no parameters and it is an “Immediately executed” type.
Actions:
1.
SCS0 command sets to 0 the bit D_CS, in register SETT2:
–
DIFF calculated data input type is selected for State Machine 2;
–
The new value of the SETT2 register is valid starting from the next step.
This command affects or is affected by the following registers:
–
PR2: Program and Reset pointer addresses for State Machine 2;
–
SETT2, bit RADI: RAW data / DIFF data input type selector for State Machine 2.
6.2.24
SCS1 (32h)
The SCS1 command sets the constant shift difference mode for State Machine 2: input data
is the difference between the current data and the value contained in constant shift
registers. SCS1 command is effective only for State Machine 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com