Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC Datasheet(PDF) 102 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 102 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 98Page - Cypress Semiconductor PSOC Datasheet HTML 99Page - Cypress Semiconductor PSOC Datasheet HTML 100Page - Cypress Semiconductor PSOC Datasheet HTML 101Page - Cypress Semiconductor PSOC Datasheet HTML 102Page - Cypress Semiconductor PSOC Datasheet HTML 103Page - Cypress Semiconductor PSOC Datasheet HTML 104Page - Cypress Semiconductor PSOC Datasheet HTML 105Page - Cypress Semiconductor PSOC Datasheet HTML 106Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 148 page
background image
Cypress MicroSystems CY8C25122/CY8C26233/CY8C26443/CY8C26643 Family Data Sheet
102
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
September 5, 2002
Table 79:
Analog Input Select Register
Analog Input Select Register (AMX_IN, Address = Bank 0, 60h)
Bit #
7
6
5
4
3
2
1
0
POR
0
0
0
0
0
0
0
0
Read/
Write
RW
RW
RW
RW
RW
RW
RW
RW
Bit Name
ACI3 [1]
ACI3 [0]
ACI2 [1]
ACI2 [0]
ACI1 [1]
ACI1 [0]
ACI0 [1]
ACI0 [0]
Bit [7:6]
: ACI3 [1:0]
0 0 = ACM3 P0[0]
0 1 = ACM3 P0[2]
1 0 = ACM3 P0[4]
1 1 = ACM3 P0[6]
Bit [5:4]
: ACI2 [1:0]
0 0 = ACM2 P0[1]
0 1 = ACM2 P0[3]
1 0 = ACM2 P0[5]
1 1 = ACM2 P0[7]
ACol2Mux (ABF_CR, Address = Bank1, 62h)
0 = AC2 = ACM2
1 = AC2 = ACM3
Bit [3:2]
: ACI1 [1:0]
0 0 = ACM1 P0[0]
0 1 = ACM1 P0[2]
1 0 = ACM1 P0[4]
1 1 = ACM1 P0[6]
ACol1Mux (ABF_CR, Address = Bank1, 62h)
0 = AC1 = ACM1
1 = AC1 = ACM0
Bit [1:0]
: ACI0 [1:0]
0 0 = ACM0 P0[1]
0 1 = ACM0 P0[3]
1 0 = ACM0 P0[5]
1 1 = ACM0 P0[7]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com