Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC Datasheet(PDF) 104 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 104 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 100Page - Cypress Semiconductor PSOC Datasheet HTML 101Page - Cypress Semiconductor PSOC Datasheet HTML 102Page - Cypress Semiconductor PSOC Datasheet HTML 103Page - Cypress Semiconductor PSOC Datasheet HTML 104Page - Cypress Semiconductor PSOC Datasheet HTML 105Page - Cypress Semiconductor PSOC Datasheet HTML 106Page - Cypress Semiconductor PSOC Datasheet HTML 107Page - Cypress Semiconductor PSOC Datasheet HTML 108Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 148 page
background image
Cypress MicroSystems CY8C25122/CY8C26233/CY8C26443/CY8C26643 Family Data Sheet
104
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
September 5, 2002
10.13.4 Analog Output Buffer Control Register
Analog Output Buffer Control Register (ABF_CR, Address = Bank 1, 62h)
10.14 Analog Modulator
The user has the capability to use the Analog Switch
Cap Type A PSoC Blocks in Columns 0 and 2 as ampli-
tude modulators. The Analog Modulator Control Register
(AMD_CR) allows the user to select the appropriate
modulating signal. When the modulating signal is low,
the polarity follows the setting of the ASign bit set in the
Analog Switch Cap Type A Control 0 Register
(ASAxxCR0). When this signal is high, the normal gain
polarity of the PSoC block is inverted.
Table 80:
Analog Output Buffer Control Register
Bit #
7
6
5
4
3
2
1
0
POR
0
0
0
0
0
0
0
0
Read/
Write
W
W
W
W
W
W
--
W
Bit Name
ACol1Mux
ACol2Mux
ABUF1EN
ABUF2EN
ABUF0EN
ABUF3EN
Reserved
PWR
Bit 7
: ACol1Mux
0 = Set column 1 input to column 1 input mux output
1 = Set column 1 input to column 0 input mux output
Bit 6
: ACol2Mux
0 = Set column 2 input to column 2 input mux output
1 = Set column 2 input to column 3 input mux output
Bit 5
: ABUF1EN Enables the analog output buffer for Analog Column 1 (Pin P0[5])
0 = Disable analog output buffer
1 = Enable analog output buffer
Bit 4
: ABUF2EN Enables the analog output buffer for Analog Column 2 (Pin P0[4])
0 = Disable analog output buffer
1 = Enable analog output buffer
Bit 3
: ABUF0EN Enables the analog output buffer for Analog Column 0 (Pin P0[3])
0 = Disable analog output buffer
1 = Enable analog output buffer
Bit 2
: ABUF3EN Enables the analog output buffer for Analog Column 3 (Pin P0[2])
0 = Disable analog output buffer
1 = Enable analog output buffer
Bit [1]
: Reserved Must be left as 0
Bit [0]
: PWR Determines power level of all output buffers
0 = Low output power
1 = High output power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com