Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM93 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM93 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button LM93 Datasheet HTML 18Page - National Semiconductor (TI) LM93 Datasheet HTML 19Page - National Semiconductor (TI) LM93 Datasheet HTML 20Page - National Semiconductor (TI) LM93 Datasheet HTML 21Page - National Semiconductor (TI) LM93 Datasheet HTML 22Page - National Semiconductor (TI) LM93 Datasheet HTML 23Page - National Semiconductor (TI) LM93 Datasheet HTML 24Page - National Semiconductor (TI) LM93 Datasheet HTML 25Page - National Semiconductor (TI) LM93 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 92 page
background image
14.0 SMBus Interface (Continued)
14.5.4 Read Operations
The LM93 uses the following SMBus read protocols.
14.5.4.1 Read Byte
In the LM93, the read byte protocol is used to read a single byte of data from a register. In this operation the master device
receives a single byte from a slave device, as follows:
1.
The master device asserts a START condition.
2.
The master sends the 7-bit slave address followed by the write bit (low).
3.
The addressed slave device asserts ACK.
4.
The master sends a register address.
5.
The slave asserts an ACK.
6.
The master sends a Repeated START.
7.
The master sends the slave address followed by the read bit (high).
8.
The slave asserts an ACK.
9.
The master receives a data byte and asserts a NACK.
10. The master asserts a STOP condition and the transaction ends.
1
2
34
567
89
10
S
Slave
Address
W
A
Register
Address
A
S
Slave
Address
R
A
Data
Byte
/A
P
14.5.4.2 Read Word
In the LM93, the read word protocol is used to read two bytes of data from a register or two consecutive registers. In this operation
the master device reads two bytes from a slave device, as follows:
1.
The master device asserts a START condition.
2.
The master sends the 7-bit slave address followed by the write bit (low).
3.
The addressed slave device asserts ACK.
4.
The master sends a register address.
5.
The slave asserts an ACK.
6.
The master sends a Repeated START.
7.
The master sends the slave address followed by the read bit (high).
8.
The slave asserts an ACK.
9.
The master receives the Low data byte and asserts an ACK.
10. The master receives the High data byte and asserts a NACK.
11. The master asserts a STOP condition and the transaction ends.
1
2
34
567
89
10
11
S
Slave
Address
W
A
Register
Address
A
S
Slave
Address
R
A
Data
Byte Low
A
Data
Byte High
/A
P
14.5.4.3 SMBus Block-Write Block-Read Process Call
This transaction is used to read a block of data from the LM93. Below is the sequence of events that occur in this transaction:
1.
The master device asserts a START condition.
2.
The master sends the 7-bit slave address followed by the write bit (low).
3.
The addressed slave device asserts ACK.
4.
The master sends a command code that tells the slave device to expect a block read (F1h) and the slave asserts ACK.
5.
The master sends the Byte Count for this write which is 2 and the slave asserts ACK.
6.
The master sends the Start Register Address for the block read and the slave asserts the ACK.
7.
The master sends the Byte Count (1-32) for the block read processes call and the slave asserts ACK.
8.
The master asserts a repeat START condition.
9.
The master sends the 7-bit slave address followed by the read bit (high).
10. The slave asserts ACK.
11. The master receives a byte count data byte that tells it how many data bytes will received. This field reflects the number of
bytes requested by the Byte Count transmitted to the LM93. The SMBus specification allows a maximum of 32 data bytes to
be received in a block read. Then master asserts ACK.
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com