Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM93 Datasheet(PDF) 69 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM93 Datasheet(HTML) 69 Page - National Semiconductor (TI)

Back Button LM93 Datasheet HTML 65Page - National Semiconductor (TI) LM93 Datasheet HTML 66Page - National Semiconductor (TI) LM93 Datasheet HTML 67Page - National Semiconductor (TI) LM93 Datasheet HTML 68Page - National Semiconductor (TI) LM93 Datasheet HTML 69Page - National Semiconductor (TI) LM93 Datasheet HTML 70Page - National Semiconductor (TI) LM93 Datasheet HTML 71Page - National Semiconductor (TI) LM93 Datasheet HTML 72Page - National Semiconductor (TI) LM93 Datasheet HTML 73Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 92 page
background image
16.0 Registers (Continued)
16.8.12 Register C7h
PROCHOT Time Interval
Register
Address
Read/
Write
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
C7h
R/W
PROCHOT
Time
Interval
P2_TI
P1_TI
11h
Bit
Name
R/W
Description
3:0
P1_TI
R/W
Sets the monitoring interval for P1_PROCHOT
7:4
P2_TI
R/W
Sets the monitoring interval for P2_PROCHOT
Possible settings for P1_TI and P2_TI:
P1_TI or P2_TI
Monitoring Time Interval
(seconds)
0h
0.73
1h
1.46
2h
2.9
3h
5.8
4h
11.7
5h
23.3
6h
46.6
7h
93.2
8h
186
9h
372
Ah–Fh
Reserved
Note that changing this value while PROCHOT measurements are running may cause the monitoring circuit to produce a
erroneous value. To avoid alerts and invalid B_Px_PROCHOT or B_Px_PROCHOT Error Status values, only change this value
while the chip is programmed for S3 or S4/5.
www.national.com
69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com