Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM93 Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM93 Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button LM93 Datasheet HTML 35Page - National Semiconductor (TI) LM93 Datasheet HTML 36Page - National Semiconductor (TI) LM93 Datasheet HTML 37Page - National Semiconductor (TI) LM93 Datasheet HTML 38Page - National Semiconductor (TI) LM93 Datasheet HTML 39Page - National Semiconductor (TI) LM93 Datasheet HTML 40Page - National Semiconductor (TI) LM93 Datasheet HTML 41Page - National Semiconductor (TI) LM93 Datasheet HTML 42Page - National Semiconductor (TI) LM93 Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 92 page
background image
16.0 Registers (Continued)
Lock
Register Name
Address
Default
Description
BLOCK COMMANDS
Block Write Command
F0h
N/A
SMBus Block Write Command Code
Block Read Command
F1h
N/A
SMBus Block Write/Read Process call
Fixed Block 0
F2h
N/A
Fixed block code address 40h, size 8 bytes
Fixed Block 1
F3h
N/A
Fixed block code address 48h, size 8 bytes
Fixed Block 2
F4h
N/A
Fixed block code address 50h, size 6 bytes
Fixed Block 3
F5h
N/A
Fixed block code address 56h, size 16 bytes
Fixed Block 4
F6h
N/A
Fixed block code address 67h, size 4 bytes
Fixed Block 5
F7h
N/A
Fixed block code address 6Eh, size 8 bytes
Fixed Block 6
F8h
N/A
Fixed block code address 78h, size 12 bytes
Fixed Block 7
F9h
N/A
Fixed block code address 90h, size 32 bytes
Fixed Block 8
FAh
N/A
Fixed block code address B4h, size 8 bytes
Fixed Block 9
FBh
N/A
Fixed block code address C8h, size 8 bytes
Fixed Block 10
FCh
N/A
Fixed block code address D0h, size 16 bytes
Fixed Block 11
FDh
N/A
Fixed block code address E5h, size 9 bytes
Reserved
FEh-FFh N/A
Reserved for future commands
www.national.com
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com