Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM93 Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM93 Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button LM93 Datasheet HTML 21Page - National Semiconductor (TI) LM93 Datasheet HTML 22Page - National Semiconductor (TI) LM93 Datasheet HTML 23Page - National Semiconductor (TI) LM93 Datasheet HTML 24Page - National Semiconductor (TI) LM93 Datasheet HTML 25Page - National Semiconductor (TI) LM93 Datasheet HTML 26Page - National Semiconductor (TI) LM93 Datasheet HTML 27Page - National Semiconductor (TI) LM93 Datasheet HTML 28Page - National Semiconductor (TI) LM93 Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 92 page
background image
14.0 SMBus Interface (Continued)
5.
The master sends a repeated START.
6.
The master sends the 7-bit slave address followed by a read bit (high).
7.
The slave asserts an ACK.
8.
The master receives the Byte Count (depends on the Fixed Block Command Code used) and asserts an ACK.
9.
The master receives the first data byte and asserts an ACK.
10. The master continues to receive data bytes and asserting an ACK.
11. The master receives the last data byte.
12. The master asserts a NACK.
13. The master issues a STOP to end this transaction.
1
2
34
56
78
9
10 11
12 13
S
Slave
Address
W
A
Fixed
Block
Command
Code
(F2h–FDh)
A
S
Slave
Address
R
A
Byte
Count
(N)
A
Data
Byte 1
A
A Data
Byte N
/A
P
Special Notes:
1.
The LM93 returns 00h when address locations outside of normal address space are read.
2.
Block reads do not wrap around from address FFh to 00h.
3.
If the master acknowledges more bytes that it requested, the LM93 continues to supply data until the master does not
acknowledge a byte.
4.
If the master does not acknowledges a byte to prematurely abort a block read, the LM93 gets off the bus to allow the master
to issue a STOP signal.
14.5.4.6 I
2C Block Reads
The LM93 supports I
2C block reads. The following sequence of events occur in this transaction:
1.
The master sends a START to start this transaction .
2.
The master send 7-bit slave address followed by a write bit (low).
3.
The slave asserts an ACK.
4.
The master sends the register address and the slave asserts an ACK.
5.
The master sends a repeated START.
6.
The master sends the 7-bit slave address followed by a read bit (high).
7.
The slave asserts an ACK.
8.
The master receives Data Byte 1 and asserts an ACK.
9.
The master continues to receive bytes and asserting an ACK for each byte received.
10. The master receives the last byte.
11. The master asserts a NACK.
12. The master issues a STOP.
1
2
34
56
78
9
A 10
11
12
S
Slave
Address
W
A
Register
Address
A
S
Slave
Address
R
A
Data
Byte 1
A
Data
Byte 2
A
A Data
Byte N
/A
P
Special Notes:
1.
The LM93 returns 00h when address locations outside of normal address space are read.
2.
Block reads do not wrap around from address FFh to 00h.
3.
If the master acknowledges more bytes that it requested, the LM93 continues to supply data until the master does not
acknowledge a byte.
4.
If the master does not acknowledges a byte to prematurely abort a block read, the LM93 gets off the bus to allow the master
to issue a STOP signal.
14.6 READING AND WRITING 16-BIT REGISTERS
Whenever the low byte of a 16-bit register is read, the high
byte is frozen. After the high byte is read, it is unfrozen. This
ensures that the entire 16-bit value is read properly and the
high byte matches with the low byte. If the low byte of a
different 16-bit register is read, the currently frozen high byte
is unfrozen and the high byte of the new 16-bit register is
frozen. In a system with two SMBus masters, it is very
important that only one master reads any 16-bit registers at
a time. One possible method to achieve this would involve
using 16-bit SMBus reads (instead of two separate 8-bit
reads) to read 16-bit registers.
www.national.com
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com