Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM93 Datasheet(PDF) 61 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM93 Datasheet(HTML) 61 Page - National Semiconductor (TI)

Back Button LM93 Datasheet HTML 57Page - National Semiconductor (TI) LM93 Datasheet HTML 58Page - National Semiconductor (TI) LM93 Datasheet HTML 59Page - National Semiconductor (TI) LM93 Datasheet HTML 60Page - National Semiconductor (TI) LM93 Datasheet HTML 61Page - National Semiconductor (TI) LM93 Datasheet HTML 62Page - National Semiconductor (TI) LM93 Datasheet HTML 63Page - National Semiconductor (TI) LM93 Datasheet HTML 64Page - National Semiconductor (TI) LM93 Datasheet HTML 65Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 92 page
background image
16.0 Registers (Continued)
16.7.6 Register B4–BBh
Fan Tach Limit Registers
Register
Address
Read/
Write
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
B4h
R/W
Fan Tach 1
Limit LSB
TLIMIT1[5:0]
RES
FCh
B5h
R/W
Fan Tach 1
Limit MSB
TLIMIT1[13:6]
FFh
B6h
R/W
Fan Tach 2
Limit LSB
TLIMIT2[5:0]
RES
FCh
B7h
R/W
Fan Tach 2
Limit MSB
TLIMIT2[13:6]
FFh
B8h
R/W
Fan Tach 3
Limit LSB
TLIMIT3[5:0]
RES
FCh
B9h
R/W
Fan Tach 3
Limit MSB
TLIMIT1[13:6]
FFh
BAh
R/W
Fan Tach 4
Limit LSB
TLIMIT4[5:0]
RES
FCh
BBh
R/W
Fan Tach 4
Limit MSB
TLIMIT4[13:6]
FFh
If a tachometer reading exceeds its limit (as defined by these registers) the corresponding bit is set in the Host and BMC Error
Status registers. The fan tachometer readings can be associated with a particular PWM output, but the tach errors are not
automatically masked when a PWM is at 0% or set to level that causes the fan RPM to be below the limit purposely. In order to
prevent false errors, care needs to be taken to make sure that the Fan Tach Limits are properly set. Errors are never generated
for a fan if its limit is set to 3FFFh.
www.national.com
61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com