Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM93 Datasheet(PDF) 90 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM93 Datasheet(HTML) 90 Page - National Semiconductor (TI)

Back Button LM93 Datasheet HTML 84Page - National Semiconductor (TI) LM93 Datasheet HTML 85Page - National Semiconductor (TI) LM93 Datasheet HTML 86Page - National Semiconductor (TI) LM93 Datasheet HTML 87Page - National Semiconductor (TI) LM93 Datasheet HTML 88Page - National Semiconductor (TI) LM93 Datasheet HTML 89Page - National Semiconductor (TI) LM93 Datasheet HTML 90Page - National Semiconductor (TI) LM93 Datasheet HTML 91Page - National Semiconductor (TI) LM93 Datasheet HTML 92Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 90 / 92 page
background image
Symbol
Pin #
D1
D2
D4
D5
D6
SNP
R1
AD_IN1
23
UU
U
U
U
AD_IN2
24
UU
U
U
U
AD_IN3
25
UU
U
U
U
AD_IN4
26
UU
U
U
U
AD_IN5
27
UU
U
U
U
AD_IN6
28
UU
U
U
U
AD_IN7
29
UU
U
U
U
AD_IN8
30
UU
U
U
U
AD_IN9
31
UU
U
U
U
AD_IN10
32
UU
U
U
U
AD_IN11
33
UU
U
U
U
AD_IN12
34
UU
U
U
U
AD_IN13
35
UU
U
U
U
AD_IN14
36
UU
U
U
U
AD_IN15
37
UU
U
U
U
ADDR_SEL
38
UU
AD_IN16/V
DD
(V+)
39
UU
U
U
GND
40
Internally shorted to AGND.
PWM1
41
UU
U
50
Ω
PWM2
42
UU
U
50
Ω
P1_VID0
43
UU
P1_VID1
44
UU
P1_VID2
45
UU
P1_VID3
46
UU
P1_VID4
47
UU
P1_VID5
48
UU
P1_PROCHOT
49
UU
U
50
Ω
P2_PROCHOT
50
UU
U
50
Ω
P2_VID0
51
UU
P2_VID1
52
UU
P2_VID2
53
UU
P2_VID3
54
UU
P2_VID4
55
UU
P2_VID5
56
UU
Note 4: Human body model, 100 pF discharged through a 1.5 k
Ω resistor. Machine model, 200 pF discharged directly into each pin.
Note 5: Reflow temperature profiles are different for lead-free and non lead-free packages.
Note 6: The maximum power dissipation must be de-rated at elevated temperatures and is dictated by TJMAX, θJA and the ambient temperature, TA. The maximum
allowable power dissipation at any temperature is PD = (TJMAX −TA)/ θJA. The θJAfor the LM93 when mounted to 1 oz. copper foil PCB the θJA with different air
flow is listed in the following table.
Air Flow
Junction to Ambient Thermal Resistance,
θ
JA
0 m/s
79 ˚C/W
1.14 m/s (225 LFPM)
62 ˚C/W
2.54 m/s (500 LFPM)
52 ˚C/W
Note 7: See the URL "http://www.national.com/packaging/" for other recommendations and methods of soldering surface mount devices.
Note 8: When measuring an MMBT3904 transistor, 4 ˚C should be subracted from all temperature readings.
Note 9: Typical parameters are at TJ =TA = 25 ˚C and represent most likely parametric norm.
Note 10: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 11: TUE (Total Unadjusted Error) includes Offset, Gain and Linearity errors of the ADC.
Note 12: Total Monitoring Cycle Time includes all temperature and voltage conversions.
Note 13: Leakage current approximately doubles every 20 ˚C.
Note 14: A total digital I/O current of 40mA can cause 6mV of offset in Vref.
www.national.com
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com