Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM93 Datasheet(PDF) 72 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM93 Datasheet(HTML) 72 Page - National Semiconductor (TI)

Back Button LM93 Datasheet HTML 68Page - National Semiconductor (TI) LM93 Datasheet HTML 69Page - National Semiconductor (TI) LM93 Datasheet HTML 70Page - National Semiconductor (TI) LM93 Datasheet HTML 71Page - National Semiconductor (TI) LM93 Datasheet HTML 72Page - National Semiconductor (TI) LM93 Datasheet HTML 73Page - National Semiconductor (TI) LM93 Datasheet HTML 74Page - National Semiconductor (TI) LM93 Datasheet HTML 75Page - National Semiconductor (TI) LM93 Datasheet HTML 76Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 92 page
background image
16.0 Registers (Continued)
16.8.15 Register CAh
PWM1 Control 3
Register
Address
Read/
Write
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
CAh
R/W
PWM1
Control 3
SU_DUR
RES
SU_DC
00h
Bit
Name
R/W
Description
3:0
SU_DC
R/W
This field sets the duty cycle that will be used
whenever PWM1 experiences a Spin-Up cycle. This
field accepts 16 possible values that are mapped to
duty cycles according the table in the Auto-Fan
Control section. Setting this field to 0h will effectively
disable Spin-Up.
4
RES
R
Reserved
7:5
SU_DUR
R/W
Sets the Spin-Up duration for PWM1.
Bits 7:5 configure the spin-up duration. When the duty cycle of PWM1 changes from zero to a non-zero value, the spin-up
sequence is activated for the specified amount of time. The available settings are defined according to this table:
SU_DUR
Spin-Up Time
0h
Spin-up disabled
1h
100 ms
2h
250 ms
3h
400 ms
4h
700 ms
5h
1000 ms
6h
2000 ms
7h
4000 ms
16.8.16 Register CBh
Special Function PWM1 Control 4
Register
Address
Read/
Write
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
CBh
R/W
Special Function
PWM1 Control 4
RES
RES
RES
RES
RES
FREQ1
00h
Bit
Name
R/W
Description
2:0
FREQ1
R/W
PWM1 frequency control. Setting this value controls
the frequency of the PWM1 output according to the
table below.
7:3
RES
R
Reserved
FREQ1 or FREQ2
Frequency of PWM1
or PWM2 (Hz)
0h
22500
1h
96
2h
84
3h
72
4h
60
5h
48
6h
36
7h
12
www.national.com
72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com