Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM93 Datasheet(PDF) 49 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM93 Datasheet(HTML) 49 Page - National Semiconductor (TI)

Back Button LM93 Datasheet HTML 45Page - National Semiconductor (TI) LM93 Datasheet HTML 46Page - National Semiconductor (TI) LM93 Datasheet HTML 47Page - National Semiconductor (TI) LM93 Datasheet HTML 48Page - National Semiconductor (TI) LM93 Datasheet HTML 49Page - National Semiconductor (TI) LM93 Datasheet HTML 50Page - National Semiconductor (TI) LM93 Datasheet HTML 51Page - National Semiconductor (TI) LM93 Datasheet HTML 52Page - National Semiconductor (TI) LM93 Datasheet HTML 53Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 92 page
background image
16.0 Registers (Continued)
16.5.5 Register 4Ch
H_P1_PROCHOT Error Status
Register
Address
Read/
Write
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
4Ch
RWC
H_P1_PROCHOT
Error Status
PH1_ERR
TMAX
T100
T75
T50
T25
T12
T0
00h
Bit
Name
R/W
Description
Sleep
Masking
0
T0
RWC Set when P1_PROCHOT has had a throttled event. This bit is set for any
amount of PROCHOT throttling >0%.
S3, S4/5
1
T12
RWC Set when P1_PROCHOT has throttled greater than or equal to 0.00% but
less than 12.5%.
S3, S4/5
2
T25
RWC Set when P1_PROCHOT has throttled greater than or equal to 12.5% but
less than 25%.
S3, S4/5
3
T50
RWC Set when P1_PROCHOT has throttled greater than or equal to 25% but less
than 50%.
S3, S4/5
4
T75
RWC Set when P1_PROCHOT has throttled greater than or equal to 50% but less
than 75%.
S3, S4/5
5
T100
RWC Set when P1_PROCHOT has throttled greater than or equal to 75% but less
than 100%.
S3, S4/5
6
TMAX
RWC Set when P1_PROCHOT has throttled 100%.
S3, S4/5
7
PH1_ERR
RWC Set when P1_PROCHOT has throttled more than the user limit.
S3, S4/5
The PH1_ERR bit is the only bit in this register that will set HOST_ ERR in the LM93 Status/Control register.
www.national.com
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com