Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM93 Datasheet(PDF) 79 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM93 Datasheet(HTML) 79 Page - National Semiconductor (TI)

Back Button LM93 Datasheet HTML 75Page - National Semiconductor (TI) LM93 Datasheet HTML 76Page - National Semiconductor (TI) LM93 Datasheet HTML 77Page - National Semiconductor (TI) LM93 Datasheet HTML 78Page - National Semiconductor (TI) LM93 Datasheet HTML 79Page - National Semiconductor (TI) LM93 Datasheet HTML 80Page - National Semiconductor (TI) LM93 Datasheet HTML 81Page - National Semiconductor (TI) LM93 Datasheet HTML 82Page - National Semiconductor (TI) LM93 Datasheet HTML 83Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 92 page
background image
16.0 Registers (Continued)
16.8.25 Register E3h
LM93 Configuration
Register
Address
Read/
Write
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
E3h
R/W
LM93
Configuration
READY
RES
P1P2_
PROCHOT
ALERT
_EN
GMSK
LOCK
START
00h
Lock
Bit
Name
R/W
Description
x
0
START
R/W
When this bit is 0, the LM93 operates in basic mode.
All error events are masked. The auto fan control
algorithm is disabled. Both PWMs are set to 0%, but
the Fan Boost function operates based on default
limits. All monitoring functions are active and the
value registers are updated.
Once this bit is set, error events are no longer
globally masked, and the auto-fan control algorithm is
enabled. Fan boost uses the programmed values
instead of the defaults.
It is expected that all limit and setup registers are set
by BIOS or application software prior to setting this
bit.
X
1
LOCK
R/W
Setting this bit locks all registers and register bits that
are indicated as lockable. Lockable registers have an
“x”inthe Lock column of their description. This
register is locked once it is set. This bit can only be
cleared by an external device asserting RESET.
2
GMSK
R/W
Global Mask
When this bit is set by software, all error events are
masked. Setting this bit does not effect any other
mask registers or value registers.
3
ALERT_EN
R/W
When this bit is set, the ALERT output is enabled. If
this bit is cleared, the ALERT output is disabled.
4
P1P2_
PROCHOT
R/W
In some configurations it may be required to have
both processors throttling at the same rate. When this
bit is set, the LM93 connects P1_PROCHOT to
P2_PROCHOT. If P1_PROCHOT and P2_PROCHOT
are already shorted by some other means, this bit
should NOT be set. Doing so would cause both
PROCHOT signals to be stuck low until this bit is
cleared.
6:5
RES
R/W
Reserved
7
READY
R
The LM93 sets this bit automatically after valid data
has been collected for all temperatures and voltages.
Software should not use any temperature or voltage
values until this bit has been set.
www.national.com
79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com