Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM93 Datasheet(PDF) 83 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM93 Datasheet(HTML) 83 Page - National Semiconductor (TI)

Back Button LM93 Datasheet HTML 79Page - National Semiconductor (TI) LM93 Datasheet HTML 80Page - National Semiconductor (TI) LM93 Datasheet HTML 81Page - National Semiconductor (TI) LM93 Datasheet HTML 82Page - National Semiconductor (TI) LM93 Datasheet HTML 83Page - National Semiconductor (TI) LM93 Datasheet HTML 84Page - National Semiconductor (TI) LM93 Datasheet HTML 85Page - National Semiconductor (TI) LM93 Datasheet HTML 86Page - National Semiconductor (TI) LM93 Datasheet HTML 87Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 92 page
background image
16.0 Registers (Continued)
16.9.7 Register EAh
S4/5 GPI Mask
Register
Address
Read/
Write
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
EAh
R/W
S4/5 GPI
Mask
GPI7
_S4/5
_MSK
GPI6
_S4/5
_MSK
GPI5
_S4/5
_MSK
GPI4
_S4/5
_MSK
GPI3
_S4/5
_MSK
GPI2
_S4/5
_MSK
GPI1
_S4/5
_MSK
GPI0
_S4/5
_MSK
FFh
Bit
Name
R/W
Description
0
GPI0_S4/5_MSK
R/W
If set, GPI0 errors are masked in S4/5 sleep state.
1
GPI1_S4/5_MSK
R/W
If set, GPI1 errors are masked in S4/5 sleep state.
2
GPI2_S4/5_MSK
R/W
If set, GPI2 errors are masked in S4/5 sleep state.
3
GPI3_S4/5_MSK
R/W
If set, GPI3 errors are masked in S4/5 sleep state.
4
GPI4_S4/5_MSK
R/W
If set, GPI4 errors are masked in S4/5 sleep state.
5
GPI5_S4/5_MSK
R/W
If set, GPI5 errors are masked in S4/5 sleep state.
6
GPI6_S4/5_MSK
R/W
If set, GPI6 errors are masked in S4/5 sleep state.
7
GPI7_S4/5_MSK
R/W
If set, GPI7 errors are masked in S4/5 sleep state.
16.9.8 Register EBh
S4/5 Temperature/Voltage Mask
Register
Address
Read/
Write
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
EBh
R/W
S4/5 Voltage
Mask
RES
TEMP_
S4/5_MSK
AIN14_S4/5
_MSK
AIN13_S4/5
_MSK
AIN12_S4/5
_MSK
07h
Bit
Name
R/W
Description
0
AIN12_S4/5_MSK
R/W
If set, AIN12 errors as masked in S4/5 sleep state.
1
AIN13_S4/5_MSK
R/W
If set, AIN13 errors as masked in S4/5 sleep state.
2
AIN14_S4/5_MSK
R/W
If set, AIN14 errors as masked in S4/5 sleep state.
3
TEMP_S4/5_MSK
R/W
If set, temperature errors and diode fault errors for
zones 1 and 2 are masked in S4/5 sleep state.
7:3
RES
R
Reserved
www.national.com
83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com