Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM93 Datasheet(PDF) 60 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM93 Datasheet(HTML) 60 Page - National Semiconductor (TI)

Back Button LM93 Datasheet HTML 56Page - National Semiconductor (TI) LM93 Datasheet HTML 57Page - National Semiconductor (TI) LM93 Datasheet HTML 58Page - National Semiconductor (TI) LM93 Datasheet HTML 59Page - National Semiconductor (TI) LM93 Datasheet HTML 60Page - National Semiconductor (TI) LM93 Datasheet HTML 61Page - National Semiconductor (TI) LM93 Datasheet HTML 62Page - National Semiconductor (TI) LM93 Datasheet HTML 63Page - National Semiconductor (TI) LM93 Datasheet HTML 64Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 92 page
background image
16.0 Registers (Continued)
16.7.5 Register B2–B3h
Dynamic Vccp Limit Offset Registers
Register
Address
Read/
Write
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
B2h
R/W
Vccp1 Limit Offsets
UPPER_OFFSET1
LOWER_OFFSET1
17h
B3h
R/W
Vccp2 Limit Offsets
UPPER_OFFSET2
LOWER_OFFSET2
17h
These offsets are used to determine the upper and lower limits of the dynamic Vccp window comparator. These offsets are added
or subtracted from the value selected by the VID bits.
LOWER_OFFSET1 or
LOWER_OFFSET2
Lower Offset
0h
25 mV
1h
50 mV
2h
75 mV
3h
100 mV
AA
AA
Ch
325 mV
Dh
350 mV
Eh
375 mV
Fh
400 mV
UPPER_OFFSET1 or
UPPER_OFFSET2
Upper Offset
0h
12.5 mV
1h
25 mV
2h
37.5 mV
3h
50 mV
AA
AA
Dh
175 mV
Eh
187.5 mV
Fh
200 mV
www.national.com
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com