Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM93 Datasheet(PDF) 45 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM93 Datasheet(HTML) 45 Page - National Semiconductor (TI)

Back Button LM93 Datasheet HTML 41Page - National Semiconductor (TI) LM93 Datasheet HTML 42Page - National Semiconductor (TI) LM93 Datasheet HTML 43Page - National Semiconductor (TI) LM93 Datasheet HTML 44Page - National Semiconductor (TI) LM93 Datasheet HTML 45Page - National Semiconductor (TI) LM93 Datasheet HTML 46Page - National Semiconductor (TI) LM93 Datasheet HTML 47Page - National Semiconductor (TI) LM93 Datasheet HTML 48Page - National Semiconductor (TI) LM93 Datasheet HTML 49Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 92 page
background image
16.0 Registers (Continued)
16.4.8 Register 47h
B_Fan Error Status
Register
Address
Read/
Write
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
47h
RWC
B_Fan
Error Status
RES
FAN4
_ERR
FAN3
_ERR
FAN2
_ERR
FAN1
_ERR
00h
Bit
Name
R/W
Description
Sleep
Masking
0
FAN1_ERR
RWC This bit is set when the Fan Tach 1 value register is above the value set in
the Fan Tach 1 Limit register.
S1*, S3*, S4/5
1
FAN2_ERR
RWC This bit is set when the Fan Tach 2 value register is above the value set in
the Fan Tach 2 Limit register.
S1*, S3*, S4/5
2
FAN3_ERR
RWC This bit is set when the Fan Tach 3 value register is above the value set in
the Fan Tach 3 Limit register.
S1*, S3*, S4/5
3
FAN4_ERR
RWC This bit is set when the Fan Tach 4 value register is above the value set in
the Fan Tach 4 Limit register.
S1*, S3*, S4/5
7:4
RES
R
Reserved
N/A
16.5 HOST ERROR STATUS REGISTERS
The Host Error Status Registers contain several bits that each represent a particular error event that the LM93 can monitor. The
LM93 sets a given bit whenever the corresponding error event occurs. The HOST_ERR bit in the LM93 Status/Control register
also sets if any bit in the Host Error Status registers is set. The exception to this is the fixed threshold error status bits in the
PROCHOT Error Status registers. They have no influence on HOST_ERR.
Once a bit is set in the Host Error Status registers, it is not automatically cleared by the LM93 if the error event goes away. Each
bit must be cleared by software. If software attempts to clear a bit while the error condition still exists, the bit does not clear.
Software must specifically writea1toany bits it wishes to clear in the Host Error Status registers (write-one-to-clear).
Each register described in this section has a column labeled Sleep Masking. This column describes which error events are
masked in various sleep states. The sleep state of the system is communicated to the LM93 by writing to the Sleep State Control
register. If a sleep state in this column has a ‘*’ next to it, it denotes that the error event is optionally masked in that sleep mode,
depending on the Sleep State Mask registers.
16.5.1 Register 48h
H_Error Status 1
Register
Address
Read/
Write
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
48h
RWC
H_Error
Status 1
RES
VRD2
_ERR
VRD1
_ERR
ZN4
_ERR
ZN3
_ERR
ZN2
_ERR
ZN1
_ERR
00h
Bit
Name
R/W
Description
Sleep
Masking
0
ZN1_ERR
RWC This bit is set when the zone 1 temperature has fallen outside the zone 1
temperature limits.
S3*, S4/5*
1
ZN2_ERR
RWC This bit is set when the zone 2 temperature has fallen outside the zone 2
temperature limits.
S3*, S4/5*
2
ZN3_ERR
RWC This bit is set when the zone 3 temperature has fallen outside the zone 3
temperature limits.
none
3
ZN4_ERR
RWC This bit is set when the zone 4 temperature has fallen outside the zone 4
temperature limits.
none
4
VRD1_ERR
RWC This bit is set when the VRD1_HOT input has been asserted.
S3, S4/5
5
VRD2_ERR
RWC This bit is set when the VRD2_HOT input has been asserted.
S3, S4/5
7:6
RES
R
Reserved
N/A
www.national.com
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com