Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM93 Datasheet(PDF) 53 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM93 Datasheet(HTML) 53 Page - National Semiconductor (TI)

Back Button LM93 Datasheet HTML 49Page - National Semiconductor (TI) LM93 Datasheet HTML 50Page - National Semiconductor (TI) LM93 Datasheet HTML 51Page - National Semiconductor (TI) LM93 Datasheet HTML 52Page - National Semiconductor (TI) LM93 Datasheet HTML 53Page - National Semiconductor (TI) LM93 Datasheet HTML 54Page - National Semiconductor (TI) LM93 Datasheet HTML 55Page - National Semiconductor (TI) LM93 Datasheet HTML 56Page - National Semiconductor (TI) LM93 Datasheet HTML 57Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 92 page
background image
16.0 Registers (Continued)
16.6.3 Register 56–65h
A/D Channel Voltage Registers
Register
Address
Read/
Write
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
56h
R
AD_IN1 Voltage
76543210N/D
57h
R
AD_IN2 Voltage
76543210N/D
58h
R
AD_IN3 Voltage
76543210N/D
59h
R
AD_IN4 Voltage
76543210N/D
5Ah
R
AD_IN5 Voltage
76543210N/D
5Bh
R
AD_IN6 Voltage
76543210N/D
5Ch
R
AD_IN7 Voltage
76543210N/D
5Dh
R
AD_IN8 Voltage
76543210N/D
5Eh
R
AD_IN9 Voltage
76543210N/D
5Fh
R
AD_IN10 Voltage
76543210N/D
60h
R
AD_IN11 Voltage
76543210N/D
61h
R
AD_IN12 Voltage
76543210N/D
62h
R
AD_IN13 Voltage
76543210N/D
63h
R
AD_IN14 Voltage
76543210N/D
64h
R
AD_IN15 Voltage
76543210N/D
65h
R
AD_IN16 Voltage
76543210N/D
The voltage reading registers reflect the current voltage of the LM93 voltage monitoring inputs. Voltages are presented in the
registers at 34 full scale for the nominal voltage. Therefore, at nominal voltage, each register reads C0h.
16.6.4 Register 67h
Current P1_PROCHOT
Register
Address
Read/
Write
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
67h
R
Current
P1_PROCHOT
76543210
00h
This is the value of the PROCHOT percentage active time for Processor 1 at the end of each PROCHOT monitoring interval as
set by the PROCHOT Time Interval register. Writing to this register does not effect the register contents, but does restart the
capture cycle for both PROCHOT channels (P1_PROCHOT and P2_PROCHOT). A register value of one represents anything
greater than 0% but less than 0.39% of active time.
Register Value (Decimal)
Percentage Active Time
00%
1
0.39%
2
0.78%
n
n/256*100
255
99.60%
www.national.com
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com