Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM93 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM93 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM93 Datasheet HTML 4Page - National Semiconductor (TI) LM93 Datasheet HTML 5Page - National Semiconductor (TI) LM93 Datasheet HTML 6Page - National Semiconductor (TI) LM93 Datasheet HTML 7Page - National Semiconductor (TI) LM93 Datasheet HTML 8Page - National Semiconductor (TI) LM93 Datasheet HTML 9Page - National Semiconductor (TI) LM93 Datasheet HTML 10Page - National Semiconductor (TI) LM93 Datasheet HTML 11Page - National Semiconductor (TI) LM93 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 92 page
background image
9.0 Pin Descriptions
Symbol
Pin #
Type
Function
GPIO_0/TACH1
1
Digital I/O
(Open-Drain)
Can be configured as fan tach input or a general purpose
open-drain digital I/O.
GPIO_1/TACH2
2
Digital I/O
(Open-Drain)
Can be configured as fan tach input or a general purpose
open-drain digital I/O.
GPIO_2/TACH3
3
Digital I/O
(Open-Drain)
Can be configured as fan tach input or a general purpose
open-drain digital I/O.
GPIO_3/TACH4
4
Digital I/O
(Open-Drain)
Can be configured as fan tach input or a general purpose
open-drain digital I/O..
GPIO_4 /
P1_THERMTRIP
5
Digital I/O
(Open-Drain)
A general purpose open-drain digital I/O. Can be configured to
monitor a CPU’s THERMTRIP signal to mask other errors.
GPIO_5 /
P2_THERMTRIP
6
Digital I/O
(Open-Drain)
A general purpose open-drain digital I/O. Can be configured to
monitor a CPU’s THERMTRIP signal to mask other errors.
GPIO_6
7
Digital I/O
(Open-Drain)
Can be used to detect the state of CPU1 IERR or a general purpose
open-drain digital I/O
GPIO_7
8
Digital I/O
(Open-Drain)
Can be used to detect the state of CPU2 IERR or a general purpose
open-drain digital I/O
VRD1_HOT
9
Digital Input
CPU1 voltage regulator HOT
VRD2_HOT
10
Digital Input
CPU2 voltage regulator HOT
SCSI_TERM1
11
Digital Input
SCSI Channel 1 termination fuse. Could also be used as a general
purpose input to trigger an error event.
SCSI_TERM2
12
Digital Input
SCSI Channel 2 termination fuse. Could also be used as a general
purpose input to trigger an error event.
SMBDAT
13
Digital I/O
(Open-Drain)
Bidirectional System Management Bus Data. Output configured as
5V tolerant open-drain. SMBus 2.0 compliant.
SMBCLK
14
Digital Input
System Management Bus Clock. Driven by an open-drain output,
and is 5V tolerant. SMBus 2.0 Compliant.
ALERT/XtestOut
15
Digital Output
(Open-Drain)
Open-drain ALERT output used in an interrupt driven system to
signal that an error event has occurred. Masked error events do not
activate the ALERT output. When in XOR tree test mode, functions
as XOR Tree output.
RESET
16
Digital I/O
(Open-Drain)
Open-drain reset output when power is first applied to the LM93.
Used as a reset for devices powered by 3.3V stand-by. After reset,
this pin becomes a reset input. See section 6.2 for more information.
AGND
17
GROUND Input
Analog Ground
V
REF
18
Analog Output
2.5V used for external ADC reference, or as a V
REF reference
voltage
REMOTE1−
19
Remote Thermal
Diode_1- Input (CPU
1 THERMDC)
This is the negative input (current sink) from the CPU1 thermal
diode. Connected to THERMDC pin of Pentium processor or the
emitter of a diode connected MMBT3904 NPN transistor. Serves as
the negative input into the A/D for thermal diode voltage
measurements. A 100 pF capacitor is optional and can be
connected between REMOTE1− and REMOTE1+.
REMOTE1+
20
Remote Thermal
Diode_1+ I/O (CPU1
THERMDA)
This is a positive connection to the CPU1 thermal diode. Serves as
the positive input into the A/D for thermal diode voltage
measurements. It also serves as a current source output that
forward biases the thermal diode. Connected to THERMDA pin of
Pentium processor or the base of a diode connected MMBT3904
NPN transistor. A 100 pF capacitor is optional and can be
connected between REMOTE1− and REMOTE1+.
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com