Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM93 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM93 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LM93 Datasheet HTML 16Page - National Semiconductor (TI) LM93 Datasheet HTML 17Page - National Semiconductor (TI) LM93 Datasheet HTML 18Page - National Semiconductor (TI) LM93 Datasheet HTML 19Page - National Semiconductor (TI) LM93 Datasheet HTML 20Page - National Semiconductor (TI) LM93 Datasheet HTML 21Page - National Semiconductor (TI) LM93 Datasheet HTML 22Page - National Semiconductor (TI) LM93 Datasheet HTML 23Page - National Semiconductor (TI) LM93 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 92 page
background image
14.0 SMBus Interface (Continued)
14.5.2 Block Command Code Summary
Block command codes control the block read and write operations of the LM93 as summarized in the following table:
Command Code Name
Value
Description
Block Write Command
F0h
SMBus Block Write Command Code
Block Read Command
F1h
SMBus Block Write/Read Process Call
Fixed Block 0
F2h
Fixed Block Read Command Code: address 40h, size 8 bytes
Fixed Block 1
F3h
Fixed Block Read Command Code: address 48h, size 8 bytes
Fixed Block 2
F4h
Fixed Block Read Command Code: address 50h, size 6 bytes
Fixed Block 3
F5h
Fixed Block Read Command Code: address 56h, size 16 bytes
Fixed Block 4
F6h
Fixed Block Read Command Code: address 67h, size 4 bytes
Fixed Block 5
F7h
Fixed Block Read Command Code: address 6Eh, size 8 bytes
Fixed Block 6
F8h
Fixed Block Read Command Code: address 78h, size 12 bytes
Fixed Block 7
F9h
Fixed Block Read Command Code: address 90h, size 32 bytes
Fixed Block 8
FAh
Fixed Block Read Command Code: address B4h, size 8 bytes
Fixed Block 9
FBh
Fixed Block Read Command Code: address C8h, size 8 bytes
Fixed Block 10
FCh
Fixed Block Read Command Code: address D00h, size 16 bytes
Fixed Block 11
FDh
Fixed Block Read Command Code: address E5h, size 9 bytes
14.5.3 Write Operations
The LM93 supports the following SMBus write protocols.
14.5.3.1 Write Byte
In this operation the master device sends an address byte and one data byte to the slave device, as follows:
1.
The master device asserts a START condition.
2.
The master sends the 7-bit slave address followed by the write bit (low).
3.
The addressed slave device asserts ACK.
4.
The master sends a command code (register address).
5.
The slave asserts ACK.
6.
The master sends the data byte.
7.
The slave asserts ACK.
8.
The master asserts a STOP condition to end the transaction.
1
2
34
5678
S
Slave
Address
W
A
Register
Address
A
Data
Byte
AP
14.5.3.2 Write Word
In this operation the master device sends an address byte and two data bytes to the slave device, as follows:
1.
The master device asserts a START condition.
2.
The master sends the 7-bit slave address followed by the write bit (low).
3.
The addressed slave device asserts ACK.
4.
The master sends a command code (register address).
5.
The slave asserts ACK.
6.
The master sends the low data byte.
7.
The slave asserts ACK.
8.
The master sends the high data byte.
9.
The slave asserts ACK.
10. The master asserts a STOP condition to end the transaction.
1
2
34
56
78
910
S
Slave
Address
W
A
Register
Address
A
Data Byte
Low
A
Data Byte
High
AP
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com