Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM93 Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM93 Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button LM93 Datasheet HTML 23Page - National Semiconductor (TI) LM93 Datasheet HTML 24Page - National Semiconductor (TI) LM93 Datasheet HTML 25Page - National Semiconductor (TI) LM93 Datasheet HTML 26Page - National Semiconductor (TI) LM93 Datasheet HTML 27Page - National Semiconductor (TI) LM93 Datasheet HTML 28Page - National Semiconductor (TI) LM93 Datasheet HTML 29Page - National Semiconductor (TI) LM93 Datasheet HTML 30Page - National Semiconductor (TI) LM93 Datasheet HTML 31Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 92 page
background image
15.0 Using The LM93 (Continued)
Channel
#
Input
Typical Assignment
1
Temp Zone 1
Remote Diode 1 Temp
Reading
2
Temp Zone 2
Remote Diode 2 Temp
Reading
3
Temp Zone 3
Internal Temperature
Reading
4
AIN1
+12V1
5
AIN2
+12V2
6
AIN3
+12V3
7
AIN4
FSB_Vtt
8
AIN5
3GIO/PXH/MCH_Core
9
AIN6
ICH_Core
10
AIN7
CPU_1Vccp
11
AIN8
CPU2_Vccp
12
AIN9
3.3V
13
AIN10
+5V
14
AIN11
SCSI_Core
15
AIN12
Mem_Core
16
AIN13
Mem_Vtt
17
AIN14
GBIT_Core
18
AIN15
−12V
19
AIN16
3.3V SB V
DD Supply Rail
15.6 ERROR STATUS REGISTERS
The LM93 contains several error status registers for the
BMC side, and duplicated error status registers for the Host
side. These registers are used to reflect the state of all the
possible error conditions that the LM93 monitors.
The BMC/Host Error Status registers hold a set bit until the
event is cleared by software, even if the condition causing
the error event goes away.
To clear a bit in the Error Status registers, a ‘1’ has to be
written to the specific bit that is required to be cleared. If the
event that caused the error is no longer active then the bit is
cleared.
Clearing a bit in a BMC Error Status register does not clear
the corresponding bit in the Host Error Status register or vise
versa.
15.6.1 ASF Mode
In order for the LM93 part to act as a legacy sensor (6.1.2 of
ASF spec DSP0114 rev 2) and to easily bolt up to the SMBus
of an ASF capable NIC chip, the treatment of the Error
Status registers needs to change.
The LM93 can be placed into ASF mode by setting the
appropriate bit in the LM93 Status/Control register. Once this
bit is set, the BMC Error Status registers become read-to-
clear. Writing a ‘1’ to clear a particular bit is also allowed in
ASF mode. The Host Error Status registers are not effected
by ASF mode.
15.7 MASKING, ERROR STATUS AND ALERT
Masking is always applied to bits in the HOST and BMC
Error Status registers. If an event is masked, the corre-
sponding error bit in the HOST or BMC Error Status registers
is prevented from ever being set. As a result, this prevents
the event from ever causing ALERT to be asserted. Masking
an event does not clear its associated Error Status bit if it is
currently set.
Voltage errors are masked by writing a high voltage limit
value of FFh. This is the default high limit for all voltages.
Temperature errors are masked by writing a high tempera-
ture limit value of 80h. This is the default high limit for all
temperatures. Masking a temperature channel masks both
temperature errors and diode fault errors.
The GPI Mask register allows GPI errors to be masked. Any
bits that are set in this register mask events for the corre-
sponding GPIO_x pin.
User PROCHOT status is not really an error but it can be
used to notify the user of processor throttling past a preset
USER limit. A user limit of FFh acts as the mask for this
register.
Error
bits
associated
with
the
predefined
PROCHOT thresholds cannot be masked. It is important to
note though, that these error bits do not cause BMC_ERR,
HOST_ERR, or ALERT to be asserted under any condition.
Fan tach errors are masked if the tach limit for the given tach
is set to FFh .
SCSI_TERMx errors and VRDx_HOT errors can be masked
by setting the appropriate bit in the VRD THERMTRIP and
SCSI_TERM Error Mask register.
When the LM93 powers up, the ALERT output is disabled.
The ALERT output can be enabled by setting the ALERT_EN
bit in the LM93 Configuration register.
In addition the manual masking options, the LM93 also
masks some errors depending on the sleep state of the
system. The sleep state of the system is communicated to
the LM93 by writing to the Sleep State Control register.
Some types of error events are always masked in certain
sleep modes. Some types of error events are optionally
masked in certain sleep modes if their sleep mask register
bit is set. Refer to the register descriptions for more informa-
tion.
15.8 LAYOUT AND GROUNDING
Analog components such as voltage dividers should be
physically located as close as possible to the LM93.
The LM93 bypass capacitors, the parallel combination of
100 pF, 10 µF (electrolytic or tantalum) and 0.1 µF (ceramic)
bypass capacitors must be connected between power pin
(pin 39) and ground, and should be located as close as
possible to the LM93. The 100 pF capacitor should be
placed closest to the power pin.
15.9 THERMAL DIODE APPLICATION
To measure temperature external to the LM93, we need to
use a remote discrete diode to sense the temperature of
external objects or ambient air. Remember that the tempera-
ture of a discrete diode is effected, and often dominated, by
the temperature of its leads.
Most silicon diodes do not lend themselves well to this
application. It is recommended that a MMBT3904 transistor
type base emitter junction be used with the collector tied to
the base.
www.national.com
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com