Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM93 Datasheet(PDF) 64 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM93 Datasheet(HTML) 64 Page - National Semiconductor (TI)

Back Button LM93 Datasheet HTML 60Page - National Semiconductor (TI) LM93 Datasheet HTML 61Page - National Semiconductor (TI) LM93 Datasheet HTML 62Page - National Semiconductor (TI) LM93 Datasheet HTML 63Page - National Semiconductor (TI) LM93 Datasheet HTML 64Page - National Semiconductor (TI) LM93 Datasheet HTML 65Page - National Semiconductor (TI) LM93 Datasheet HTML 66Page - National Semiconductor (TI) LM93 Datasheet HTML 67Page - National Semiconductor (TI) LM93 Datasheet HTML 68Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 92 page
background image
16.0 Registers (Continued)
16.8.4 Register BFh
PWM Ramp Control
Register
Address
Read/
Write
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
BFh
R/W
PWM Ramp
Control
PH_RAMP
VRD_RAMP
00h
Bit
Name
R/W
Description
3:0
VRD_RAMP
R/W
Sets the time delay between ramp steps for the
VRDx_HOT ramp up/ramp down PWM function.
7:4
PH_RAMP
R/W
Sets the time delay between ramp steps for the
Px_PROCHOT ramp up/ramp down PWM function.
If the time delay between steps is set to 0 ms, the PWM duty cycle goes immediately to 100% instead of ramping up gradually.
VRD_RAMP
or PH_RAMP
Time Delay between
Ramp Steps
0h
0 ms
1h
50 ms
2h
100 ms
3h
150 ms
4h
200 ms
5h
250 ms
6h
300 ms
7h
350 ms
8h
400 ms
9h
450 ms
Ah
500 ms
Bh
550 ms
Ch
600 ms
Dh
650 ms
Eh
700 ms
Fh
750 ms
16.8.5 Register C0h
Fan Boost Hysteresis (Zones 1/2)
Register
Address
Read/
Write
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
C0h
R/W
Fan Boost
Hysteresis
(Zones 1/2)
H2
H1
44h
Bit
Name
R/W
Description
3:0
H1
R/W
Sets the fan boost hysteresis for zone 1
7:4
H2
R/W
Sets the fan boost hysteresis for zone 2
If the temperature zone is above fan boost temperature and then drops below the fan boost temperature, the following occurs:
the PWM output remains at 100% until the temperature goes a certain amount below the fan boost temperature. These hysteresis
registers control this amount and can be set anywhere from 0˚C to 15˚C (unsigned).
www.national.com
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com