Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM93 Datasheet(PDF) 65 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM93 Datasheet(HTML) 65 Page - National Semiconductor (TI)

Back Button LM93 Datasheet HTML 61Page - National Semiconductor (TI) LM93 Datasheet HTML 62Page - National Semiconductor (TI) LM93 Datasheet HTML 63Page - National Semiconductor (TI) LM93 Datasheet HTML 64Page - National Semiconductor (TI) LM93 Datasheet HTML 65Page - National Semiconductor (TI) LM93 Datasheet HTML 66Page - National Semiconductor (TI) LM93 Datasheet HTML 67Page - National Semiconductor (TI) LM93 Datasheet HTML 68Page - National Semiconductor (TI) LM93 Datasheet HTML 69Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 92 page
background image
16.0 Registers (Continued)
16.8.6 Register C1h
Fan Boost Hysteresis (Zones 3/4)
Register
Address
Read/
Write
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
C1h
R/W
Fan Boost
Hysteresis
(Zones 3/4)
H4
H3
44h
Bit
Name
R/W
Description
3:0
H3
R/W
Sets the fan boost hysteresis for zone 3
7:4
H4
R/W
Sets the fan boost hysteresis for zone 4
If the temperature zone is above fan boost temperature and then drops below the fan boost temperature, the following occurs:
the PWM output remains at 100% until the temperature goes a certain amount below the fan boost temperature. These hysteresis
registers control this amount and can be set anywhere from 0˚C to 15˚C (unsigned).
16.8.7 Register C2h
Zones 1/2 Spike Smoothing Control
Register
Address
Read/
Write
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
C2h
R/W
Zones 1/2 Spike
Smoothing
Control
ZN2E
ZN2
ZN1E
ZN1
00h
Bit
Name
R/W
Description
2:0
ZN1
R/W
Configures the spike smoothing characteristics for
zone 1
3
ZN1E
R/W
When set, the filtered temperature for zone 1 is used
for both limit checking and auto-fan control instead of
the unfiltered temperature. Even when this bit is
cleared, the filtered temperature can be read by
software from the filtered temperature register.
6:4
ZN2
R/W
Configures the spike smoothing characteristics for
zone 2
7
ZN2E
R/W
When set, the filtered temperature for zone 2 is used
for both limit checking and auto-fan control instead of
the unfiltered temperature. Even when this bit is
cleared, the filtered temperature can be read by
software from the filtered temperature register.
If the REMOTE1 or REMOTE2 pins are connected to a processor or chipset, instantaneous temperature spikes may be sampled
by the LM93. If these spikes are not ignored, the PWM outputs may cause the fans to turn on prematurely and produce
unpleasant noise. Also, false error events may occur. For this reason, any zone that is connected to a chipset or processor may
need spike smoothing enabled. The spike smoothing provides additional filtering above and beyond any
Σ∆ A/D inherent
averaging.
When spike smoothing is enabled, the temperature reading registers still reflect the current value of the temperature — not the
filtered value. Only the filtered temperature registers reflect the filtered value.
ZN1 or ZN2
Spike Smoothed Over
0h
11.8 seconds
1h
7.0 seconds
2h
4.4 seconds
3h
3.0 seconds
4h
1.6 seconds
5h
0.8 seconds
6h
0.6 seconds
7h
0.4 seconds
www.national.com
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com