Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM93 Datasheet(PDF) 52 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM93 Datasheet(HTML) 52 Page - National Semiconductor (TI)

Back Button LM93 Datasheet HTML 48Page - National Semiconductor (TI) LM93 Datasheet HTML 49Page - National Semiconductor (TI) LM93 Datasheet HTML 50Page - National Semiconductor (TI) LM93 Datasheet HTML 51Page - National Semiconductor (TI) LM93 Datasheet HTML 52Page - National Semiconductor (TI) LM93 Datasheet HTML 53Page - National Semiconductor (TI) LM93 Datasheet HTML 54Page - National Semiconductor (TI) LM93 Datasheet HTML 55Page - National Semiconductor (TI) LM93 Datasheet HTML 56Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 92 page
background image
16.0 Registers (Continued)
16.5.8 Register 4Fh
H_Fan Error Status
Register
Address
Read/
Write
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
4Fh
RWC
H_Fan
Error Status
RES
FAN4
_ERR
FAN3
_ERR
FAN2
_ERR
FAN1
_ERR
00h
Bit
Name
R/W
Description
Sleep
Masking
0
FAN1_ERR
RWC This bit is set when the Fan Tach 1 value register is above the value set in
the Fan Tach 1 Limit register.
S1*, S3*, S4/5
1
FAN2_ERR
RWC This bit is set when the Fan Tach 2 value register is above the value set in
the Fan Tach 2 Limit register.
S1*, S3*, S4/5
2
FAN3_ERR
RWC This bit is set when the Fan Tach 3 value register is above the value set in
the Fan Tach 3 Limit register.
S1*, S3*, S4/5
3
FAN4_ERR
R
This bit is set when the Fan Tach 4 value register is above the value set in
the Fan Tach 4 Limit register.
S1*, S3*, S4/5
7:4
RES
R
Reserved
N/A
16.6 VALUE REGISTERS
16.6.1 Registers 50–53h
Unfiltered Temperature Value Registers
Register
Address
Read/
Write
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
50h
R
Zone 1 (CPU1) Temp
76543210N/D
51h
R
Zone 2 (CPU1) Temp
76543210N/D
52h
R
Zone 3 (Internal) Temp
76543210N/D
53h
R/W
Zone 4
(External Digital) Temp
76543210N/D
Zones 1, 2 and 3 are all automatically updated by the LM93. The Zone 4 (External Digital) Temp register must be written by an
external SMBus device.
The temperature registers for zones 1 and 2 must return a value of 80h if the remote diode pins are not implemented by the board
designer or are not functioning properly.
16.6.2 Registers 54–55h
Filtered Temperature Value Registers
Register
Address
Read/
Write
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
54h
R
Zone 1 (CPU1)
Filtered Temp
76543210
00h
55h
R
Zone 2 (CPU1)
Filtered Temp
76543210
00h
These registers reflect the temperature of zones 1 and 2 after the spike smoothing filter has been applied.
The characteristics of the filtering can be adjusted by using the Zones 1/2 Spike Smoothing Control register.
www.national.com
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com