Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM93 Datasheet(PDF) 40 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM93 Datasheet(HTML) 40 Page - National Semiconductor (TI)

Back Button LM93 Datasheet HTML 36Page - National Semiconductor (TI) LM93 Datasheet HTML 37Page - National Semiconductor (TI) LM93 Datasheet HTML 38Page - National Semiconductor (TI) LM93 Datasheet HTML 39Page - National Semiconductor (TI) LM93 Datasheet HTML 40Page - National Semiconductor (TI) LM93 Datasheet HTML 41Page - National Semiconductor (TI) LM93 Datasheet HTML 42Page - National Semiconductor (TI) LM93 Datasheet HTML 43Page - National Semiconductor (TI) LM93 Datasheet HTML 44Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 92 page
background image
16.0 Registers (Continued)
16.3 FACTORY REGISTERS 00h–3Fh
16.3.1 Register 00h
XOR Test
Register
Address
Read/
Write
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
00h
R/W
XOR Test
RES
XEN
00h
Bit
Name
R/W
Default
Description
Sleep
Masking
0
XEN
R/W
0
The LM93 incorporates an XOR tree test mode. When the test mode is enabled
by setting this bit, the part enters XOR test mode. Clearing this bit brings the part
out of XOR test mode.
N/A
7:1
RES
R
0
Reserved
N/A
The reserved bits of this register should only be used by the manufacturer for testing of the ASIC.
16.3.2 Register 01h
SMBus Test
Register
Address
Read/
Write
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
01h
R/W
SMBus Test
76543210N/D
This register can be used to verify that the SMBus can read and write to the device without effecting any programmed settings.
16.3.3 Register 3Eh
Manufacturer ID
Register
Address
Read/
Write
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
3Eh
R
Manufactur ID
00000000
01h
The Manufacturer ID register contains the manufacturer identification number. This number is assigned by National Semicon-
ductor and is a method for uniquely identifying the part manufacturer.
16.3.4 Register 3Fh
Version/Stepping
Register
Address
Read/
Write
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
3Fh
R
Version/Stepping
VER[3:0]
STP[3:0]
73h
01110011
The four least significant bits of the Version/Stepping register [3:0] contain the current stepping of the LM93 silicon. The four most
significant bits [7:4] reflect the LM93 version number. The LM93 has a fixed version number of 0111b. For the first stepping of
LM93, this register reads 01110000b. For the second stepping of the LM93, this register reads 01110001b and so on. It is
incrementaly increased for future versions for the silicon. The final released silicon has a stepping of 3h therefore this register
reads 73h.
The register is used by application software to identify which device in the family of hardware monitoring ASICs has been
implemented in the given system. Based on this information, software can determine which registers to read from and write to.
Application software may use the current stepping to implement work-a-rounds for bugs found in a specific silicon stepping.
www.national.com
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com