Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM93 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM93 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM93 Datasheet HTML 1Page - National Semiconductor (TI) LM93 Datasheet HTML 2Page - National Semiconductor (TI) LM93 Datasheet HTML 3Page - National Semiconductor (TI) LM93 Datasheet HTML 4Page - National Semiconductor (TI) LM93 Datasheet HTML 5Page - National Semiconductor (TI) LM93 Datasheet HTML 6Page - National Semiconductor (TI) LM93 Datasheet HTML 7Page - National Semiconductor (TI) LM93 Datasheet HTML 8Page - National Semiconductor (TI) LM93 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 92 page
background image
LM93
Hardware Monitor with Integrated Fan Control for Server
Management
1.0 General Description
The LM93, hardware monitor, has a two wire digital interface
compatible with SMBus 2.0. Using an 8-bit
Σ∆ ADC, the
LM93 measures the temperature of two remote diode con-
nected transistors as well as its own die and 16 power supply
voltages.
To set fan speed, the LM93 has two PWM outputs that are
each controlled by up to four temperature zones. The fan-
control algorithm is lookup table based. The LM93 includes a
digital filter that can be invoked to smooth temperature read-
ings for better control of fan speed. The LM93 has four
tachometer inputs to measure fan speed. Limit and status
registers for all measured values are included.
The LM93 builds upon the functionality of previous mother-
board management ASICs and uses some of the LM85’s
features (i.e. smart tachometer mode). It also adds measure-
ment and control support for dynamic Vccp monitoring and
PROCHOT. It is designed to monitor a dual processor Xeon
class motherboard with a minimum of external components.
2.0 Features
n
8-bit
Σ∆ ADC
n
Monitors 16 power supplies
n
Monitors 2 remote thermal diodes
n
Internal ambient temperature sensing
n
Programmable autonomous fan control based on
temperature readings with fan boost support
n
Fan control based on 13-step lookup table
n
Temperature reading digital filter
n
1.0˚C digital temperature sensor resolution
n
0.5˚C temperature resolution for fan control
n
2 PWM fan speed control outputs
n
4 fan tachometer inputs
n
Dual processor thermal throttling (PROCHOT)
monitoring
n
Dual dynamic VID monitoring (6 VIDs per processor)
n
8 general purpose I/Os:
— 4 can be configured as fan tachometer inputs
— 2 can be configured to connect to THERMTRIP from
a processor
— 2 are standard GPIOs that could be used to monitor
IERR signal
n
2 general purpose inputs that can be used to monitor
SCSI termination signals
n
Limit register comparisons of all monitored values
n
2-wire, SMBus 2.0 compliant, serial digital interface
— Supports byte/block read and write
— Configurable slave address (tri-level pin selects 1 of
3 possible addresses)
n
2.5V reference voltage output
n
56-pin TSSOP package
n
XOR-tree test mode
3.0 Key Specifications
n
Voltage Measurement Accuracy
±2% FS (max)
n
Resolution
8-bits, 1˚C
n
Temperature Sensor Accuracy
±3˚C (max)
n
Temperature Range:
— LM93 Operational
0˚C to +85˚C
— Remote Temp Accuracy
0˚C to +125˚C
n
Power Supply Voltage
+3.0V to +3.6V
n
Power Supply Current
0.9 mA
4.0 Applications
n
Servers
n
Workstations
n
Multi-Microprocessor based equipment
5.0 Ordering Information
Order Number NS Package Number Transport media
LM93CIMT
MTD56
34 units in rail
LM93CIMTX
MTD56
1000 units in tape-and-reel
I2C is a registered trademark of the Philips Corporation.
April 2004
© 2004 National Semiconductor Corporation
DS200682
www.national.com


Similar Part No. - LM93

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM93 TI1-LM93 Datasheet
1Mb / 95P
Hardware Monitor with Integrated Fan Control for Server Management
LM93CIMT TI1-LM93CIMT Datasheet
1Mb / 95P
Hardware Monitor with Integrated Fan Control for Server Management
LM93CIMT/NOPB TI1-LM93CIMT/NOPB Datasheet
1Mb / 95P
Hardware Monitor with Integrated Fan Control for Server Management
LM93CIMTX/NOPB TI1-LM93CIMTX/NOPB Datasheet
1Mb / 95P
Hardware Monitor with Integrated Fan Control for Server Management
More results

Similar Description - LM93

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM85 NSC-LM85 Datasheet
261Kb / 26P
Hardware Monitor with Integrated Fan Control
LM96000 NSC-LM96000 Datasheet
695Kb / 28P
Hardware Monitor with Integrated Fan Control
LM94 NSC-LM94 Datasheet
697Kb / 24P
TruTherTM Hardware Monitor with PI Loop Fan Control for Server Management
logo
List of Unclassifed Man...
ASC7611 ETC2-ASC7611 Datasheet
508Kb / 40P
HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
ASC7621 ETC2-ASC7621 Datasheet
574Kb / 50P
HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
logo
National Semiconductor ...
LM96194 NSC-LM96194 Datasheet
529Kb / 24P
TruTherm??Hardware Monitor with PI Fan Control for Workstation Management
logo
Feature Integration Tec...
F71858 FINTEK-F71858_09 Datasheet
1Mb / 65P
Hardware KBC with ACPI, Temp. and Fan Control
logo
Texas Instruments
LM93 TI1-LM93 Datasheet
1Mb / 95P
Hardware Monitor with Integrated Fan Control for Server Management
LM94 TI1-LM94_15 Datasheet
1Mb / 112P
Hardware Monitor with PI Loop Fan Control for Server Management
LM96000 TI1-LM96000 Datasheet
1Mb / 40P
Hardware Monitor with Integrated Fan Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com