Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM93 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM93 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM93 Datasheet HTML 7Page - National Semiconductor (TI) LM93 Datasheet HTML 8Page - National Semiconductor (TI) LM93 Datasheet HTML 9Page - National Semiconductor (TI) LM93 Datasheet HTML 10Page - National Semiconductor (TI) LM93 Datasheet HTML 11Page - National Semiconductor (TI) LM93 Datasheet HTML 12Page - National Semiconductor (TI) LM93 Datasheet HTML 13Page - National Semiconductor (TI) LM93 Datasheet HTML 14Page - National Semiconductor (TI) LM93 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 92 page
background image
10.0 Server Terminology (Continued)
MTTR
Mean time to repair
NIC
Network Interface Card (Ethernet Card)
OS
Operating system
P/S
Power Supply
PCI
PCI Local Bus
PDB
Power Distribution Board
POR
Power On Reset
PS
Power Supply
SMBCLK and
SMBDAT
These signals comprise the SMBus
interface (data and clock) See the SMBus
Interface section for more information.
VRD
Voltage Regulator Down - regulates Vccp
voltage for a CPU
11.0 Recommended Implementation
20068206
20068207
Note: 100 pF cap is optional and should be placed close to the LM93, if used. The maximum capacitance between these pins is 300 pF.
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com