Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM93 Datasheet(PDF) 56 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM93 Datasheet(HTML) 56 Page - National Semiconductor (TI)

Back Button LM93 Datasheet HTML 52Page - National Semiconductor (TI) LM93 Datasheet HTML 53Page - National Semiconductor (TI) LM93 Datasheet HTML 54Page - National Semiconductor (TI) LM93 Datasheet HTML 55Page - National Semiconductor (TI) LM93 Datasheet HTML 56Page - National Semiconductor (TI) LM93 Datasheet HTML 57Page - National Semiconductor (TI) LM93 Datasheet HTML 58Page - National Semiconductor (TI) LM93 Datasheet HTML 59Page - National Semiconductor (TI) LM93 Datasheet HTML 60Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 92 page
background image
16.0 Registers (Continued)
16.6.11 Register 6E–75h
Fan Tachometer Readings
Register
Address
Read/
Write
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
6Eh
R
Fan Tach
1
LSB
TACH[5:0]
RES
N/D
6Fh
R
Fan Tach
1
MSB
TACH[13:6]
N/D
70h
R
Fan Tach
2
LSB
TACH2[5:0]
RES
N/D
71h
R
Fan Tach
2
MSB
TACH2[13:6]
N/D
72h
R
Fan Tach
3
LSB
TACH3[5:0]
RES
N/D
73h
R
Fan Tach
3
MSB
TACH3[13:6]
N/D
74h
R
Fan Tach
4
LSB
TACH4[5:0]
RES
N/D
75h
R
Fan Tach
4
MSB
TACH4[13:6]
N/D
The 14-bit fan tach readings indicate the number of 22.5 kHz clock periods that occurred during two full periods of the tachometer
input signal. Most fans produce two tachometer pulses per full revolution. These registers must be updated at least once every
second.
The fan tachometer reading registers must always return an accurate fan tachometer measurement, even when a fan is disabled
or non-functional. 3FFFh indicates that the fan is stalled, not spinning fast enough to measure, or the tachometer input is not
connected to a valid signal.
If the pulses per revolution of the fan is known, the RPM can be calculated with the following equation:
RPM= 22500 cycles/sec * 60 sec/min * 2 pulses / COUNT cycles / PULSES_PER_REV
where:
PULSES_PER_REV = the number of pulses that the fan produces per revolution
COUNT
= The 14-bit value read from the tach register
www.national.com
56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com