Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM93 Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM93 Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button LM93 Datasheet HTML 32Page - National Semiconductor (TI) LM93 Datasheet HTML 33Page - National Semiconductor (TI) LM93 Datasheet HTML 34Page - National Semiconductor (TI) LM93 Datasheet HTML 35Page - National Semiconductor (TI) LM93 Datasheet HTML 36Page - National Semiconductor (TI) LM93 Datasheet HTML 37Page - National Semiconductor (TI) LM93 Datasheet HTML 38Page - National Semiconductor (TI) LM93 Datasheet HTML 39Page - National Semiconductor (TI) LM93 Datasheet HTML 40Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 92 page
background image
16.0 Registers (Continued)
Lock
Register Name
Address
Default
Description
LIMIT REGISTERS
Zone 2 (CPU2) High Temp
7Bh
80h
High limit for external thermal diode temperature channel 2
(D2) measurement
Zone 3 (Internal) Low Temp
7Ch
80h
Low limit for local temperature measurement
Zone 3 (Internal) High Temp
7Dh
80h
High limit for local temperature measurement
Zone 4 (External Digital) Low Temp
7Eh
80h
Low limit for external digital temperature sensor
Zone 4 (External Digital) High Temp
7Fh
80h
High limit for external digital temperature sensor
x
Fan Boost Temp Zone 1
80h
3Ch
Zone 1 (CPU1) fan boost temperature
x
Fan Boost Temp Zone 2
81h
3Ch
Zone 2 (CPU2) fan boost temperature
x
Fan Boost Temp Zone 3
82h
23h
Zone 3 (Internal) fan boost temperature
x
Fan Boost Temp Zone 4
83h
23h
Zone 4 (External Digital) fan boost temperature
Reserved
84h-8Fh
N/D
AD_IN1 Low Limit
90h
00h
Low limit for analog input 1 measurement
AD_IN1 High Limit
91h
FFh
High limit for analog input 1 measurement
AD_IN2 Low Limit
92h
00h
Low limit for analog input 2 measurement
AD_IN2 High Limit
93h
FFh
High limit for analog input 2 measurement
AD_IN3 Low Limit
94h
00h
Low limit for analog input 3 measurement
AD_IN3 High Limit
95h
FFh
High limit for analog input 3 measurement
AD_IN4 Low Limit
96h
00h
Low limit for analog input 4 measurement
AD_IN4 High Limit
97h
FFh
High limit for analog input 4 measurement
AD_IN5 Low Limit
98h
00h
Low limit for analog input 5 measurement
AD_IN5 High Limit
99h
FFh
High limit for analog input 5 measurement
AD_IN6 Low Limit
9Ah
00h
Low limit for analog input 6 measurement
AD_IN6 High Limit
9Bh
FFh
High limit for analog input 6 measurement
AD_IN7 Low Limit
9Ch
00h
Low limit for analog input 7 measurement
AD_IN7 High Limit
9Dh
FFh
High limit for analog input 7 measurement
AD_IN8 Low Limit
9Eh
00h
Low limit for analog input 8 measurement
AD_IN8 High Limit
9Fh
FFh
High limit for analog input 8 measurement
AD_IN9 Low Limit
A0h
00h
Low limit for analog input 9 measurement
AD_IN9 High Limit
A1h
FFh
High limit for analog input 9 measurement
AD_IN10 Low Limit
A2h
00h
Low limit for analog input 10 measurement
AD_IN10 High Limit
A3h
FFh
High limit for analog input 10 measurement
AD_IN11 Low Limit
A4h
00h
Low limit for analog input 11 measurement
AD_IN11 High Limit
A5h
FFh
High limit for analog input 11 measurement
AD_IN12 Low Limit
A6h
00h
Low limit for analog input 12 measurement
AD_IN12 High Limit
A7h
FFh
High limit for analog input 12 measurement
AD_IN13 Low Limit
A8h
00h
Low limit for analog input 13 measurement
AD_IN13 High Limit
A9h
FFh
High limit for analog input 13 measurement
AD_IN14 Low Limit
AAh
00h
Low limit for analog input 14 measurement
AD_IN14 High Limit
ABh
FFh
High limit for analog input 14 measurement
AD_IN15 Low Limit
ACh
00h
Low limit for analog input 15 measurement
AD_IN15 High Limit
ADh
FFh
High limit for analog input 15 measurement
AD_IN16 Low Limit
AEh
00h
Low limit for analog input 16 measurement
AD_IN16 High Limit
AFh
FFh
High limit for analog input 16 measurement
P1_PROCHOT User Limit
B0h
FFh
User settable limit for P1_PROCHOT
www.national.com
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com