Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM93 Datasheet(PDF) 80 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM93 Datasheet(HTML) 80 Page - National Semiconductor (TI)

Back Button LM93 Datasheet HTML 76Page - National Semiconductor (TI) LM93 Datasheet HTML 77Page - National Semiconductor (TI) LM93 Datasheet HTML 78Page - National Semiconductor (TI) LM93 Datasheet HTML 79Page - National Semiconductor (TI) LM93 Datasheet HTML 80Page - National Semiconductor (TI) LM93 Datasheet HTML 81Page - National Semiconductor (TI) LM93 Datasheet HTML 82Page - National Semiconductor (TI) LM93 Datasheet HTML 83Page - National Semiconductor (TI) LM93 Datasheet HTML 84Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 92 page
background image
16.0 Registers (Continued)
16.9 SLEEP STATE CONTROL AND MASK REGISTERS
16.9.1 Register E4h
Sleep State Control
Register
Address
Read/
Write
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
E4h
R
Sleep State
Control
RES
SB
07h
Bit
Name
R/W
Description
1:0
SB
R/W
Sleep State Control. Setting this field tells the LM93
which sleep state the system is in. Several error
events are masked depending on the state of this
field.
7:2
RES
R
Reserved
SB
Description
00
Sleep state = S0
Do not mask errors.
01
Sleep state = S1
Mask errors according to S1
mask registers and standard S1
masking.
10
Sleep state = S3
Mask errors according to S3
mask registers and standard S3
masking.
11
Sleep state = S4/5
Mask errors according to S4/5
mask registers and standard
S4/5 masking. This mode is
activated automatically if the
RESET input is asserted.
www.national.com
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com