Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM93 Datasheet(PDF) 85 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM93 Datasheet(HTML) 85 Page - National Semiconductor (TI)

Back Button LM93 Datasheet HTML 81Page - National Semiconductor (TI) LM93 Datasheet HTML 82Page - National Semiconductor (TI) LM93 Datasheet HTML 83Page - National Semiconductor (TI) LM93 Datasheet HTML 84Page - National Semiconductor (TI) LM93 Datasheet HTML 85Page - National Semiconductor (TI) LM93 Datasheet HTML 86Page - National Semiconductor (TI) LM93 Datasheet HTML 87Page - National Semiconductor (TI) LM93 Datasheet HTML 88Page - National Semiconductor (TI) LM93 Datasheet HTML 89Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 92 page
background image
16.0 Registers (Continued)
16.10.3 Register EEh
Special Function Zone 1 Adjustment Offset
Register
Address
Read/
Write
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
EEh
R/W
Special Function
Zone 1
Adjustment Offset
RES
RES
Z1_ADJUST
00h
Bit
Name
R/W
Description
5:0
Z1_ADJUST
R/W
6-bit signed 2’s complement offset adjustment. This
value is added to all zone 1 temperature
measurements as they are made. All LM93 registers
and functions behave as if the resulting temperature
was the true measured temperature. This register
allows offset adjustments from +31˚C to −32˚C in 1˚C
steps.
7:6
RES
R
Reserved
16.10.4 Register EFh
Special Function Zone 2 Adjustment Offset
Register
Address
Read/
Write
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
EFh
R/W
Special Function
Zone 2
Adjustment Offset
RES
RES
Z2_ADJUST
00h
Bit
Name
R/W
Description
5:0
Z2_ADJUST
R/W
6-bit signed 2’s complement offset adjustment. This
value is added to all zone 2 temperature
measurements as they are made. All LM93 registers
and functions behave as if the resulting temperature
was the true measured temperature. This register
allows offset adjustments from +31˚C to −32˚C in 1˚C
steps.
7:6
RES
R
Reserved
www.national.com
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com