Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM93 Datasheet(PDF) 86 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM93 Datasheet(HTML) 86 Page - National Semiconductor (TI)

Back Button LM93 Datasheet HTML 82Page - National Semiconductor (TI) LM93 Datasheet HTML 83Page - National Semiconductor (TI) LM93 Datasheet HTML 84Page - National Semiconductor (TI) LM93 Datasheet HTML 85Page - National Semiconductor (TI) LM93 Datasheet HTML 86Page - National Semiconductor (TI) LM93 Datasheet HTML 87Page - National Semiconductor (TI) LM93 Datasheet HTML 88Page - National Semiconductor (TI) LM93 Datasheet HTML 89Page - National Semiconductor (TI) LM93 Datasheet HTML 90Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 92 page
background image
17.0 Absolute Maximum
Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Positive Supply Voltage (V
DD)
6.0V
Voltage on Any Digital Input or
Output Pin
−0.3V to 6.0V
(Except Analog
Inputs)
Voltage on +5V Input
−0.3V to +6.667V
Voltage at Positive Thermal
Diode Inputs, ±12V Inputs
−0.3V to (V
DD + 0.05V)
Voltage at Other Analog Voltage
Inputs
−0.3V to +6.0V
Input Current at Thermal Diode
Negative Inputs
±1mA
Input Current at any pin (Note 3)
±10mA
Package Input Current (Note 3)
±100 mA
Maximum Junction Temperature
(Note 9)
(T
JMAX)
150 ˚C
ESD Susceptibility (Note 4)
Human Body Model
3 kV
Machine Model
300V
Storage Temperature
−65˚C to +150˚C
Soldering process must comply with National’s
reflow temperature profile specifications. Refer to
www.national.com/packaging/. (Note 5)
18.0 Operating Ratings (Notes 1, 2)
Operating Temperature Range
0˚C
≤ T
A
≤ +85˚C
Nominal Supply Voltage
3.3V
Supply Voltage Range (V
DD)
+3.0V to +3.6V
VID0-VID5
−0.05V to +5.5V
Digital Input Voltage Range
−0.05V to
(V
DD + 0.05V)
Package Thermal Resistance (Note
6)
79˚C/W
DC Electrical Characteristics
The following limits apply for +3.0 V
DC to +3.6 VDC, unless otherwise noted. Bold face limits apply for TA =TJ over TMIN to
T
MAX of the operating range; all other limits TA =TJ = 25˚C unless otherwire noted. TA is the ambient temperature of the
LM93; T
J is the junction temperature of the LM93; TD is the junction temperature of the thermal diode.
Symbol
Parameter
Conditions
Typical
(Note 9)
Limits
(Note 10)
Units
(Limits)
POWER SUPPLY CHARACTERISTICS
Power Supply Current
Converting, Interface and
Fans Inactive, Peak
Current
2
3
mA (max)
Converting, Interface and
Fans Inactive, Average
Current
0.9
mA
Power-On Reset Threshold Voltage
2
1.6
V (min)
2.7
V (max)
TEMPERATURE-TO-DIGITAL CONVERTER CHARACTERISTICS
Local Temperature Accuracy Over Full Range
0˚C T
A
≤85˚C
±2
±3
˚C (max)
T
A = +55˚C
±1
±2.8
˚C (max)
Local Temperature Resolution
1
˚C
Remote Thermal Diode Temperature Accuracy
Over Full Range; targeted for a typical Prescott
processor (Note 8)
0˚C
≤ T
A
≤ 85˚C
and 25˚C
≤ T
D
≤ 100˚C
±3
˚C (max)
Remote Thermal Diode Temperature Accuracy;
targeted for a typical Prescott processor (Note 8)
0˚C
≤ T
A
≤ 85˚C
and 25˚C
≤ T
D
≤ 70˚C
±1˚C
Remote Temperature Resolution
1
˚C
Thermal Diode Source Current
High Level
188
280
µA (max)
Low Level
11.75
µA
Thermal Diode Current Ration
16
T
C
Total Monitoring Cycle Time
100
ms (max)
ANALOG-TO-DIGITAL VOLTAGE MEASUREMENT CONVERTER CHARACTERISTICS
TUE
Total Unadjusted Error (Note 12)
±2
%of
FS (max)
www.national.com
86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com