Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM93 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM93 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM93 Datasheet HTML 5Page - National Semiconductor (TI) LM93 Datasheet HTML 6Page - National Semiconductor (TI) LM93 Datasheet HTML 7Page - National Semiconductor (TI) LM93 Datasheet HTML 8Page - National Semiconductor (TI) LM93 Datasheet HTML 9Page - National Semiconductor (TI) LM93 Datasheet HTML 10Page - National Semiconductor (TI) LM93 Datasheet HTML 11Page - National Semiconductor (TI) LM93 Datasheet HTML 12Page - National Semiconductor (TI) LM93 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 92 page
background image
9.0 Pin Descriptions (Continued)
Symbol
Pin #
Type
Function
REMOTE2−
21
Remote Thermal
Diode_2 - Input
(CPU2 THERMDC)
This is the negative input (current sink) from the CPU2 thermal
diode. Connected to THERMDC pin of Pentium processor or the
emitter of a diode connected MMBT3904 NPN transistor. Serves as
the negative input into the A/D for thermal diode voltage
measurements. A 100 pF capacitor is optional and can be
connected between REMOTE2− and REMOTE2+.
REMOTE2+
22
Remote Thermal
Diode_2 + I/O (CPU2
THERMDA)
This is a positive connection to the CPU2 thermal diode. Serves as
the positive input into the A/D for thermal diode voltage
measurements. It also serves as a current source output that
forward biases the thermal diode. Connected to THERMDA pin of
Pentium processor or the base of a diode connected MMBT3904
NPN transistor. A 100 pF capacitor is optional and can be
connected between REMOTE2− and REMOTE2+.
AD_IN1
23
Analog Input (+12V1)
Analog Input for +12V Rail 1 monitoring, for CPU1 voltage regulator.
External attenuation resistors required such that 12V is attenuated
to 0.927V.
AD_IN2
24
Analog Input (+12V2)
Analog Input for +12V Rail 2 monitoring, for CPU2 voltage regulator.
External attenuation resistors required such that 12V is attenuated
to 0.927V.
AD_IN3
25
Analog Input (+12V3)
Analog Input for +12V Rail 3, for Memory/3GIO slots. External
attenuation resistors required such that 12V is attenuated to 0.927V.
AD_IN4
26
Analog Input
(FSB_Vtt)
Analog input for 1.2V monitoring
AD_IN5
27
Analog Input (3GIO /
PXH / MCH_Core)
Analog input for 1.5V monitoring.
AD_IN6
28
Analog Input
(ICH_Core)
Analog input for 1.5V monitoring.
AD_IN7 (P1_Vccp)
29
Analog Input
(CPU1_Vccp)
Analog input for +Vccp (processor voltage) monitoring.
AD_IN8 (P2_Vccp)
30
Analog Input
(CPU2_Vccp)
Analog input for +Vccp (processor voltage) monitoring.
AD_IN9
31
Analog Input (+3.3V)
Analog input for +3.3V monitoring.
AD_IN10
32
Analog Input (+5V)
Analog input for +5V monitoring silver box supply monitoring.
AD_IN11
33
Analog Input
(SCSI_Core)
Analog input for +2.5V monitoring.
AD_IN12
34
Analog Input
(Mem_Core)
Analog input for +1.969V monitoring.
AD_IN13
35
Analog Input
(Mem_Vtt)
Analog input for +0.984V monitoring.
AD_IN14
36
Analog Input
(Gbit_Core)
Analog input for +0.984V S/B monitoring.
AD_IN15
37
Analog Input (-12V)
Analog input for -12V monitoring. External resistors required to scale
to positive level. Full scale reading at 1.236V.
Address Select
38
3 level analog input
This input selects the lower two bits of the LM93 SMBus slave
address.
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com