Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM93 Datasheet(PDF) 89 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM93 Datasheet(HTML) 89 Page - National Semiconductor (TI)

Back Button LM93 Datasheet HTML 84Page - National Semiconductor (TI) LM93 Datasheet HTML 85Page - National Semiconductor (TI) LM93 Datasheet HTML 86Page - National Semiconductor (TI) LM93 Datasheet HTML 87Page - National Semiconductor (TI) LM93 Datasheet HTML 88Page - National Semiconductor (TI) LM93 Datasheet HTML 89Page - National Semiconductor (TI) LM93 Datasheet HTML 90Page - National Semiconductor (TI) LM93 Datasheet HTML 91Page - National Semiconductor (TI) LM93 Datasheet HTML 92Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 89 / 92 page
background image
20068203
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed
specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test
conditions.
Note 2: All voltages are measured with respect to GND, unless otherwise noted.
Note 3: When the input voltage (VIN) at any pin exceeds the power supplies (VIN < (GND or AGND) or VIN > VDD, except for analog voltage inputs), the current
at that pin should be limited to 10 mA. The 100 mA maximum package input current rating limits the number of pins that can safely exceed the power supplies with
an input current of 10 mA to ten. Parasitic components and/or ESD protection circuitry are shown below for the LM93’s pins. Care should be taken not to forward
bias the parasitic diode, D1, present on pins D+ and D−. Doing so by more than 50 mV may corrupt temperature measurements. An “U” in the table below indicates
that the device is connected to the pin listed. D3 and the ESD Clamp are connected between V+ (VDD, AD_IN16) and GND. SNP stands for snap-back device.
20068204
Symbol
Pin #
D1
D2
D4
D5
D6
SNP
R1
GPIO_0/TACH1
1
UU
U
50
Ω
GPIO_1/TACH2
2
UU
U
50
Ω
GPIO_2/TACH3
3
UU
U
50
Ω
GPIO_3/TACH4
4
UU
U
50
Ω
GPIO_4 /
P1_THERMTRIP
5
UU
U
50
Ω
GPIO_5 /
P2_THERMTRIP
6
UU
U
50
Ω
GPIO_6
7
UU
U
50
Ω
GPIO_7
8
UU
U
50
Ω
VRD1_HOT
9
UU
VRD2_HOT
10
UU
SCSI_TERM1
11
UU
SCSI_TERM2
12
UU
SMBDAT
13
UU
SMBCLK
14
UU
ALERT/XtestOut
15
UU
RESET
16
UU
AGND
17
Internally shorted to GND pin.
V
REF
18
UU
REMOTE1–
19
UUUUU
50
Ω
REMOTE1+
20
UU
UU
50
Ω
REMOTE2–
21
UUUUU
50
Ω
REMOTE+
22
UU
UU
50
Ω
www.national.com
89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com