Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM93 Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM93 Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button LM93 Datasheet HTML 20Page - National Semiconductor (TI) LM93 Datasheet HTML 21Page - National Semiconductor (TI) LM93 Datasheet HTML 22Page - National Semiconductor (TI) LM93 Datasheet HTML 23Page - National Semiconductor (TI) LM93 Datasheet HTML 24Page - National Semiconductor (TI) LM93 Datasheet HTML 25Page - National Semiconductor (TI) LM93 Datasheet HTML 26Page - National Semiconductor (TI) LM93 Datasheet HTML 27Page - National Semiconductor (TI) LM93 Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 92 page
background image
14.0 SMBus Interface (Continued)
14.5.4.4 Simulated SMBus Block-Write Block-Read Process Call
Alternatively, if the master cannot support an SMBus Block-Write Block-Read process call, it can be emulated by two transactions
(a block write followed by a block read). This should only be done in a single master system, since in a dual master system
collisions can occur that corrupt the data and transaction. Below is the sequence of events for these transactions:
1.
The master issues a START to start this transaction.
2.
The master sends the 7-bit slave address followed by a write bit (low).
3.
The slave asserts the ACK.
4.
The master sends the Block Read command code (F1h) and the slave asserts the ACK.
5.
The master sends the Byte Count (2h) for this transaction and the slave asserts the ACK.
6.
The master sends the Start Register Address and the slave asserts the ACK.
7.
The master sends the Byte Count (1-20h) for the Block-Read Process Call and the slave asserts the ACK.
8.
The master sends a STOP to end this transaction.
9.
The master sends a START to start this transaction.
10. The master sends the 7-bit slave address followed by a write bit (low) and the slave asserts the ACK.
11. The master sends the Block Read Command code (F1h) and the slave asserts the ACK.
12. The master sends a repeat START.
13. The master sends the 7-bit slave address followed by a read bit (high) and the slave asserts the ACK.
14. The master receives Byte Count (this matches the size sent by the master in step 7) and asserts the ACK.
15. The master receives Data Byte 1 and asserts the ACK.
16. The master receives Data Byte 2 and asserts the ACK.
17. The master receives N-3 data bytes, and asserts ACK for each one.
18. The master receives the last data byte and asserts a NACK.
19. The master issues a STOP to end this transaction.
1
2
3
45678
9
10
S
Slave
Address
W
A
Block
Read
Command
Code
(F1h)
A
Byte
Count
(2h)
A
Start
Register
Address
A
Byte
Count
(1–20h)
(N)
A
P
S
Slave
Address
WA
A
11
12 13
14
15
16
17
16
A Block
Read
Command
Code
(F1h)
A
S
Slave
Address
R
A
Byte
Count
(1–20h)
(N)
A
Data
Byte 1
A
Data
Byte 2
A
A Data
Byte N
/A
P
Special Notes:
1.
Steps 9 through 19 can be repeated to read another block of data. The address auto-increments such that the next block
starts where the last block left off. The size returned by the LM93 is the same each time.
2.
The LM93 returns 00h when address locations outside of normal address space are read.
3.
Block reads do not wrap around from address FFh to 00h
4.
If the master acknowledges more bytes that it requested, the LM93 continues to supply data until the master does not
acknowledge a byte.
5.
If the master does not acknowledges a byte to prematurely abort a block read, the LM93 gets off the bus to allow the master
to issue a STOP signal.
6.
After a block read is finished, the base address of the LM93 is updated to point to the byte just beyond the last byte read.
14.5.4.5 SMBus Fixed Address Block Reads
Block reads can be performed from pre-defined addresses. A special command code has been reserved for each pre-defined
address. See the Section 14.5.2 Block Command Code Summary for more details on the command codes. Below is the
sequence of events that occur for this type of block read:
1.
The master sends a START to start this transaction.
2.
The master sends the 7-bit slave address followed by a write bit (low).
3.
The slave asserts an ACK.
4.
The master sends a Fixed Block Command Code (F2h-FDh) and the slave asserts an ACK.
www.national.com
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com