Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM93 Datasheet(PDF) 78 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM93 Datasheet(HTML) 78 Page - National Semiconductor (TI)

Back Button LM93 Datasheet HTML 74Page - National Semiconductor (TI) LM93 Datasheet HTML 75Page - National Semiconductor (TI) LM93 Datasheet HTML 76Page - National Semiconductor (TI) LM93 Datasheet HTML 77Page - National Semiconductor (TI) LM93 Datasheet HTML 78Page - National Semiconductor (TI) LM93 Datasheet HTML 79Page - National Semiconductor (TI) LM93 Datasheet HTML 80Page - National Semiconductor (TI) LM93 Datasheet HTML 81Page - National Semiconductor (TI) LM93 Datasheet HTML 82Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 92 page
background image
16.0 Registers (Continued)
16.8.24 Register E2h
LM93 Status Control
Register
Address
Read/
Write
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
E2h
R/W
LM93 Status/
Control
BMC
_ERR
HOST
_ERR
TACH_EDGE
GPI5_AM GPI4_AM
ASF
OVRID
00h
Lock
Bit
Name
R/W
Description
0
OVRID
R/W
If this bit is set, all PWM outputs go to 100% duty
cycle.
X
1
ASF
R/W
If this bit is set, BMC error registers support ASF, i.e.
reset on read. When not in ASF mode, a write “1” is
required to clear the bits in the BMC error status
registers.
2
GPI4_AM
R/W
GPI4 Auto Mask Enable
If this bit is set, an error event on GPI4 causes all
other error events to be masked.
The BMC Error Status registers do not reflect any
new error events until the GPI4_ERR bit is cleared in
the B_GPI Error Status register. The HOST Error
Status registers do not reflect any new error events
until the GPI4_ERR bit is cleared in the H_GPI Error
Status register.
If a CPU_THERMTRIP signal is connected to GPIO4,
this ensures that unwanted error events do not fire
once CPU_THERMTRIP is asserted.
3
GP15_AM
R/W
GPI5 Auto Mask Enable
This bit works exactly the same as GPI4_AM, but
applies to GPI5.
5:4
TACH_EDGE
R/W
This field determines what type of edges are used for
measuring fan tach pulses. This effects all four
tachometer inputs.
6
HOST_ERR
R
This bit gets set if any error bit is set in any of the
Host Error Status registers (H_).
7
BMC_ERR
R
This bit gets set if any error bit is set in any of the
BMC Error Status registers (B_). When this bit is set,
ALERT are asserted if enabled.
TACH_EDGE
Edge Type Used for
Tachometer Measurements
0h
Either rising or falling edges may
be used.
1h
Rising edges only
2h
Falling edges only
3h
Reserved
www.national.com
78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com