Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM93 Datasheet(PDF) 68 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM93 Datasheet(HTML) 68 Page - National Semiconductor (TI)

Back Button LM93 Datasheet HTML 64Page - National Semiconductor (TI) LM93 Datasheet HTML 65Page - National Semiconductor (TI) LM93 Datasheet HTML 66Page - National Semiconductor (TI) LM93 Datasheet HTML 67Page - National Semiconductor (TI) LM93 Datasheet HTML 68Page - National Semiconductor (TI) LM93 Datasheet HTML 69Page - National Semiconductor (TI) LM93 Datasheet HTML 70Page - National Semiconductor (TI) LM93 Datasheet HTML 71Page - National Semiconductor (TI) LM93 Datasheet HTML 72Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 92 page
background image
16.0 Registers (Continued)
16.8.11 Register C6h
PROCHOT Override
Register
Address
Read/
Write
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
C6h
R/W
PROCHOT
Override
FORCE
_P1
FORCE
_P2
RES
PHT_DC
00h
Bit
Name
R/W
Description
3:0
PHT_DC
R/W
PROCHOT duty cycle select.
5:4
RES
R
Reserved
6
FORCE_P1
R/W
When this is set by software, P1_PROCHOT will be asserted
by the LM93 with the duty cycle selected by PHT_DC.
7
FORCE_P2
R/W
When this is set by software, P2_PROCHOT will be asserted
by the LM93 with the duty cycle selected by PHT_DC.
Note that if the P1P2_PROCHOT bit is set to short the Px_PROCHOT pins together, both Px_PROCHOT outputs will be driven
together, even if only one of the FORCE_Px bits is set.
The period of the PWM signal driven on Px_PROCHOT is 3.56 ms (80 internal 22.5 kHz clocks). The asserted time can be
increased in 5 clock increments. 5 clocks is about 220 µs and would represent 6.25% percent throttled.
Possible settings for PHT_DC:
PHT_DC
Asserted Period
0h
5 clocks
1h
10 clocks
2h
15 clocks
3h
20 clocks
4h
25 clocks
5h
30 clocks
6h
35 clocks
7h
40 clocks
8h
45 clocks
9h
50 clocks
Ah
55 clocks
Bh
60 clocks
Ch
65 clocks
Dh
70 clocks
Eh
75 clocks
Fh
80 clocks
www.national.com
68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com