Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM93 Datasheet(PDF) 54 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM93 Datasheet(HTML) 54 Page - National Semiconductor (TI)

Back Button LM93 Datasheet HTML 50Page - National Semiconductor (TI) LM93 Datasheet HTML 51Page - National Semiconductor (TI) LM93 Datasheet HTML 52Page - National Semiconductor (TI) LM93 Datasheet HTML 53Page - National Semiconductor (TI) LM93 Datasheet HTML 54Page - National Semiconductor (TI) LM93 Datasheet HTML 55Page - National Semiconductor (TI) LM93 Datasheet HTML 56Page - National Semiconductor (TI) LM93 Datasheet HTML 57Page - National Semiconductor (TI) LM93 Datasheet HTML 58Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 92 page
background image
16.0 Registers (Continued)
16.6.5 Register 68h
Average P1_PROCHOT
Register
Address
Read/
Write
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
68h
R
Average
P1_PROCHOT
76543210N/D
This is the average percentage active time of P1_PROCHOT. It is the result of adding the contents of this register to the contents
of the Current P1_PROCHOT register and dividing the result by 2. The update occurs at the same time that the Current
P1_PROCHOT register gets updated. A register value of one represents anything greater than 0% but less than 0.39% of active
time.
16.6.6 Register 69h
Current P2_PROCHOT
Register
Address
Read/
Write
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
69h
R
Current
P2_PROCHOT
76543210
00h
This is the value of the PROCHOT percentage active time for Processor 2 at the end of each PROCHOT monitoring interval as
set by the PROCHOT Time Interval register. Writing to this register does not effect the register contents, but does restart the
capture cycle for both PROCHOT channels (P1_PROCHOT and P2_PROCHOT). A register value of one represents anything
greater than 0% but less than 0.39% of active time.
Register Value (Decimal)
Percentage Active Time
00%
1
0.39%
2
0.78%
•
•
•
•
•
•
n
n/256*100
255
99.60%
16.6.7 Register 6Ah
Average P2_PROCHOT
Register
Address
Read/
Write
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
6Ah
R
Average
P2_PROCHOT
76543210N/D
This is the average percentage active time of P2_PROCHOT. It is the result of adding the contents of this register to the contents
of the Current P2_PROCHOT register and dividing the result by 2. The update occurs at the same time that the Current
P2_PROCHOT register gets updated. A register value of one represents anything greater than 0% but less than 0.39% of active
time.
www.national.com
54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com