Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM93 Datasheet(PDF) 75 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM93 Datasheet(HTML) 75 Page - National Semiconductor (TI)

Back Button LM93 Datasheet HTML 71Page - National Semiconductor (TI) LM93 Datasheet HTML 72Page - National Semiconductor (TI) LM93 Datasheet HTML 73Page - National Semiconductor (TI) LM93 Datasheet HTML 74Page - National Semiconductor (TI) LM93 Datasheet HTML 75Page - National Semiconductor (TI) LM93 Datasheet HTML 76Page - National Semiconductor (TI) LM93 Datasheet HTML 77Page - National Semiconductor (TI) LM93 Datasheet HTML 78Page - National Semiconductor (TI) LM93 Datasheet HTML 79Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 92 page
background image
16.0 Registers (Continued)
16.8.19 Register CEh
PWM2 Control 3
Register
Address
Read/
Write
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
CEh
R/W
PWM2
Control 3
SU_DUR
RES
SU_DC
00h
Bit
Name
R/W
Description
3:0
SU_DC
R/W
This field sets the duty cycle that used whenever
PWM2 experiences a Spin-Up cycle. This field
accepts 16 possible values that are mapped to duty
cycles according the table in the Auto-Fan Control
section. Setting this field to 0h effectively disables
Spin-Up.
4
RES
R
Reserved
7:5
SU_DUR
R/W
Sets the Spin-Up duration for PWM2.
Bits 7:5 configure the spin-up duration. When the duty cycle of PWM2 changes from zero to a non-zero value, the spin-up
sequence is activated for the specified amount of time. The available settings are defined according to this table:
SU_DUR
Spin-Up Time
0h
Spin-up disabled
1h
100 ms
2h
250 ms
3h
400 ms
4h
700 ms
5h
1000 ms
6h
2000 ms
7h
4000 ms
16.8.20 Register CFh
Special Function PWM2 Control 4
Register
Address
Read/
Write
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
CFh
R/W
Special Function
PWM2
Control 4
RES
RES
RES
RES
RES
FREQ2
00h
Bit
Name
R/W
Description
2:0
FREQ2
R/W
PWM2 frequency control. Controls the frequency of
the PWM2 output in the same fashion as FREQ1 in
the PWM1 Control 4 register.
7:3
RES
R
Reserved
www.national.com
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com