Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM93 Datasheet(PDF) 57 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM93 Datasheet(HTML) 57 Page - National Semiconductor (TI)

Back Button LM93 Datasheet HTML 53Page - National Semiconductor (TI) LM93 Datasheet HTML 54Page - National Semiconductor (TI) LM93 Datasheet HTML 55Page - National Semiconductor (TI) LM93 Datasheet HTML 56Page - National Semiconductor (TI) LM93 Datasheet HTML 57Page - National Semiconductor (TI) LM93 Datasheet HTML 58Page - National Semiconductor (TI) LM93 Datasheet HTML 59Page - National Semiconductor (TI) LM93 Datasheet HTML 60Page - National Semiconductor (TI) LM93 Datasheet HTML 61Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 92 page
background image
16.0 Registers (Continued)
16.7 LIMIT REGISTERS
16.7.1 Registers 78–7Fh
Temperature Limit Registers
Register
Address
Read/
Write
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
78h
R/W
Processor 1 (Zone1)
Low Temp
76543210
80h
79h
R/W
Processor 1 (Zone1)
High Temp
76543210
80h
7Ah
R/W
Processor 2 (Zone2)
Low Temp
76543210
80h
7Bh
R/W
Processor 2 (Zone2)
High Temp
76543210
80h
7Ch
R/W
Internal (Zone3)
Low Temp
76543210
80h
7Dh
R/W
Internal (Zone3)
High Temp
76543210
80h
7Eh
R/W
External Digital (Zone4)
Low Temp
76543210
80h
7Fh
R/W
External Digital (Zone4)
High Temp
76543210
80h
If an external temperature input or the internal temperature sensor either exceeds the value set in the high limit register or falls
below the value set in the low limit register, the corresponding bit in the B_ and H_Error Status 1 register is set automatically by
the LM93. For example, if the temperature read from the Remote1− and Remote1+ inputs exceeds the Processor (Zone1) High
Temp register limit setting, the ZN1_ERR bit in both B_Error Status 1 and H_Error Status 1 registers is set. The temperature limits
in these registers is represented as 8 bit, 2’s complement, signed numbers in Celsius.
If any high temp limit register is set to 80h then the B_ and H_Error Status register bit for that temperature channel is masked.
16.7.2 Registers 80–83h
Fan Boost Temperature Registers
Register
Address
Read/
Write
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
80h
R/W
Fan Boost Temp
Zone 1
76543210
3Ch
81h
R/W
Fan Boost Temp
Zone 2
76543210
3Ch
82h
R/W
Fan Boost Temp
Zone 3
76543210
23h
83h
R/W
Fan Boost Temp
Zone 4
76543210
23h
If any thermal zone exceeds the temperature set in the Fan Boost Limit register, both of the PWM outputs are set to 100%. The
fan boost function takes precedence over manual override. This is a safety feature that attempts to cool the system if there is a
potentially catastrophic thermal event. If set to 7Fh and the fan control temperature resolution is 1˚C, the feature is disabled.
Default = 60˚C = 3Ch for zones 1 and 2
Default = 35˚C = 23h for zones 3 and 4
The temperature has to fall the number of degrees specified in the Fan Boost Hysteresis registers, below this temperature to
cause the PWM outputs to return to normal operation.
www.national.com
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com