Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM93 Datasheet(PDF) 67 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM93 Datasheet(HTML) 67 Page - National Semiconductor (TI)

Back Button LM93 Datasheet HTML 63Page - National Semiconductor (TI) LM93 Datasheet HTML 64Page - National Semiconductor (TI) LM93 Datasheet HTML 65Page - National Semiconductor (TI) LM93 Datasheet HTML 66Page - National Semiconductor (TI) LM93 Datasheet HTML 67Page - National Semiconductor (TI) LM93 Datasheet HTML 68Page - National Semiconductor (TI) LM93 Datasheet HTML 69Page - National Semiconductor (TI) LM93 Datasheet HTML 70Page - National Semiconductor (TI) LM93 Datasheet HTML 71Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 92 page
background image
16.0 Registers (Continued)
16.8.10 Register C5h
GPO
Register
Address
Read/
Write
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
C5h
R/W
GPO
GPO7
GPO6
GPO5
GPO4
GPO3
GPO2
GPO1
GPO0
00h
Bit
Name
R/W
Description
0
GPO0
R/W
If set, GPIO_0 will be pulled low. If cleared, the output
is not pulled low. This bit should be 0 if GPIO_0 is
being used as an input.
1
GPO1
R/W
If set, GPIO_1 will be pulled low. If cleared, the output
is not pulled low. This bit should be 0 if GPIO_1 is
being used as an input.
2
GPO2
R/W
If set, GPIO_2 will be pulled low. If cleared, the output
is not pulled low. This bit should be 0 if GPIO_2 is
being used as an input.
3
GPO3
R/W
If set, GPIO_3 will be pulled low. If cleared, the output
is not pulled low. This bit should be 0 if GPIO_3 is
being used as an input.
4
GPO4
R/W
If set, GPIO_4 will be pulled low. If cleared, the output
is not pulled low. This bit should be 0 if GPIO_4 is
being used as an input.
5
GPO5
R/W
If set, GPIO_5 will be pulled low. If cleared, the output
is not pulled low. This bit should be 0 if GPIO_5 is
being used as an input.
6
GPO6
R/W
If set, GPIO_6 will be pulled low. If cleared, the output
is not pulled low. This bit should be 0 if GPIO_6 is
being used as an input.
7
GPO7
R/W
If set, GPIO_7 will be pulled low. If cleared, the output
is not pulled low. This bit should be 0 if GPIO_7 is
being used as an input.
www.national.com
67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com